Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C20121 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C20121 Datasheet HTML 1Page - Cypress Semiconductor CY8C20121 Datasheet HTML 2Page - Cypress Semiconductor CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 5 of 43
5.3 Circuit-3: Two Buttons and Two LEDs with I2C Interface
5.4 Circuit-4: Compatibility with 1.8 V I2C Signaling[2]
 
 
Note
2. 1.8 V
≤ V
DD_I2C ≤ VDD_CE and 2.4 V ≤ VDD_CE ≤ 5.25 V.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com