Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C20121 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 25Page - Cypress Semiconductor CY8C20121 Datasheet HTML 26Page - Cypress Semiconductor CY8C20121 Datasheet HTML 27Page - Cypress Semiconductor CY8C20121 Datasheet HTML 28Page - Cypress Semiconductor CY8C20121 Datasheet HTML 29Page - Cypress Semiconductor CY8C20121 Datasheet HTML 30Page - Cypress Semiconductor CY8C20121 Datasheet HTML 31Page - Cypress Semiconductor CY8C20121 Datasheet HTML 32Page - Cypress Semiconductor CY8C20121 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 29 of 43
13.2 DC GPIO Specifications
13.4 DC Flash Write Specifications
This table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75 V to 5.25 V and –40
°C < TA < 85 °C, 3.10 V to 3.6 V and –40 °C < TA < 85 °C or 2.4 V to 2.90 V and –40 °C < TA < 85 °C, respectively. Typical parameters
apply to 5 V, 3.3 V, or 2.7 V at 25 °C. These are for design guidance only. Flash Endurance and Retention specifications are valid only
within the range: 25 °C±20 °C during the flash write operation. It is at the user’s own risk to operate out of this temperature range. If
flash writing is done out of this temperature range, the endurance and data retention reduces.
13.2.1 5-V and 3.3-V DC GPIO Specifications
This table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 4.75 V to 5.25 V and
–40 °C
≤ T
A ≤ 85 °C, 3.10 V to 3.6 V –40 °C ≤ TA ≤ 85 °C. Typical parameters apply to 5 V and 3.3 V at 25 °C and are for design
guidance only.
Parameter
Description
Min
Typ
Max
Unit
Notes
VOH1
High output voltage
VDD – 0.2
–
–
V
IOH ≤ 10 µA/pin, VDD ≥ 3.10 V
VOH2
High output voltage
VDD – 0.9
–
–
V
IOH = 1 mA/pin, VDD ≥ 3.10 V
VOL
Low output voltage
–
–
0.75
V
IOL = 20 mA/pin, VDD > 3.10 V, maximum of 40
mA sink current
IOH
High output current
0.01
–
1
mA
VDD ≥ 3.1 V
IOL1
Low output current on Port 0 pins
–
–
10
mA
VDD ≥ 3.1 V, maximum of 40 mA sink current
COUT
Capacitive load on pins as output
0.5
1.7
5
pF
Package and pin dependent.
Temp = 25 °C.
13.2.2 2.7-V DC GPIO Specifications
This table lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 2.4 V to 2.90 V and
–40 °C < TA < 85 °C, respectively. Typical parameters apply to 2.7 V at 25 °C and are for design guidance only.
Parameter
Description
Min
Typ
Max
Unit
Notes
VOH1
High output voltage
VDD – 0.2
–
–
V
IOH ≤ 10 µA/pin
VOH2
High output voltage
VDD – 0.5
–
–
V
IOH = 0.2 mA/pin
VOL
Low output voltage
–
–
0.75
V
IOL = 10 mA/pin, maximum of 20 mA sink
current
IOH
High output current
0.01
–
0.2
mA
VDD ≤ 2.9 V
IOL1
Low output current on Port 0 pins
–
–
10
mA
VDD ≤ 2.9 V, maximum of 20 mA sink current
COUT
Capacitive load on pins as output
0.5
1.7
5
pF
Package and pin dependent.
Temp = 25 °C.
13.3 DC POR and LVD Specifications
Parameter
Description
Min
Typ
Max
Unit
Notes
VPPOR0
VPPOR1
VDD Value for PPOR Trip
VDD= 2.7 V
VDD= 3.3 V, 5 V
–
–
2.36
2.60
2.40
2.65
V
V
VDD must be greater than or equal to 2.5 V
during startup or reset from watchdog.
Symbol
Description
Min
Typ
Max
Units
Notes
VDDIWRITE
Supply Voltage for Flash Write Operations[7]
2.7
–
–
V
IDDP
Supply Current for Flash Write Operations
–
5
25
mA
FlashENPB
Flash Endurance
50,000
–
–
–
Erase/write cycles
FlashDR
Flash Data Retention
10
–
–
Years
Note
7. Commands involving flash writes (0x01, 0x02, 0x03) and flash read (0x04) must be executed only within the same VCC voltage range detected at POR (power on, or
command 0x06) and above 2.7 V.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com