Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C20121 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 24Page - Cypress Semiconductor CY8C20121 Datasheet HTML 25Page - Cypress Semiconductor CY8C20121 Datasheet HTML 26Page - Cypress Semiconductor CY8C20121 Datasheet HTML 27Page - Cypress Semiconductor CY8C20121 Datasheet HTML 28Page - Cypress Semiconductor CY8C20121 Datasheet HTML 29Page - Cypress Semiconductor CY8C20121 Datasheet HTML 30Page - Cypress Semiconductor CY8C20121 Datasheet HTML 31Page - Cypress Semiconductor CY8C20121 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 28 of 43
12. Electrical Specifications
13. DC Electrical Characteristics
12.1 Absolute Maximum Ratings
Parameter
Description
Min
Typ
Max
Unit
Notes
TSTG
Storage temperature
–55
25
+100
°C
Higher storage temperatures reduce data
retention time. Recommended storage
temperature is +25 °C ± 25 °C (0 °C to
50 °C). Extended duration storage tempera-
tures above 65 °C degrade reliability
TBAKETEMP Bake Temperature
–
125
See
Package
label
°C
tBAKETIME
Bake Time
See
package
label
–
72
Hours
TA
Ambient temperature with power
applied
–40
–
+85
°C
VDD
Supply voltage on VDD relative to VSS
–0.5
–
+6.0
V
VIO
DC input voltage
VSS – 0.5
–
VDD + 0.5
V
VIOZ
DC voltage applied to tri-state
VSS – 0.5
–
VDD + 0.5
V
IMIO
Maximum current into any GPIO pin
–25
–
+50
mA
ESD
Electro static discharge voltage
2000
–
–
V
Human body model ESD
LU
Latch up current
–
–
200
mA
12.2 Operating Temperature
Parameter
Description
Min
Typ
Max
Unit
Notes
TA
Ambient temperature
–40
–
+85
°C
TJ
Junction temperature
–40
–
+100
°C
13.1 DC Chip Level Specifications
Parameter
Description
Min
Typ
Max
Unit
Notes
VDD
Supply voltage
2.40
–
5.25
V
IDD
Supply current
–
1.5
2.5
mA
Conditions are VDD = 3.10 V, TA = 25 °C
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com