Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY8C20121 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20121 Datasheet HTML 1Page - Cypress Semiconductor CY8C20121 Datasheet HTML 2Page - Cypress Semiconductor CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CY8C20111, CY8C20121
CapSense® Express™ – One Button and
Two Button Capacitive Controllers
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-53516 Rev. *G
Revised June 24, 2011
1. Features
■ Capacitive button input tied to a configurable output
❐ Robust sensing algorithm
❐ High sensitivity, low noise
❐ Immunity to RF and AC noise
❐ Low radiated EMC noise
❐ Supports wide range of input capacitance, sensor shapes,
and sizes
■ Target Applications
❐ Printers
❐ Cellular handsets
❐ LCD monitors
❐ Portable DVD players
■ Industry's best configurability
❐ Custom sensor tuning
❐ Output supports strong 20 mA sink current
❐ Output state can be controlled through I
2C or directly from
CapSense input state
❐ Run time reconfigurable over I
2C
■ Advanced features
❐ Plug-and-play with factory defaults – tuned to support up to
1 mm overlay
❐ Nonvolatile storage of custom settings
❐ Easy integration into existing products – configure output to
match system
❐ No external components required
❐ World class free configuration tool
■ Wide range of operating voltages
❐ 2.45 V to 2.9 V
❐ 3.10 V to 3.6 V
❐ 4.75 V to 5.25 V
■ I
2C communication
❐ Supported from 1.8 V
❐ Internal pull-up resistor support option
❐ Data rate up to 400 kbps.
❐ Configurable I
2C addressing
■ Industrial temperature range: –40 °C to +85 °C
■ Available in 8-Pin SOIC package
2. Overview
The CapSense® Express™ controllers support two capacitive
sensing (CapSense) buttons and two general purpose outputs in
CY8C20121 and one CapSense button and one general
purpose output in CY8C20111. The device functionality is
configured through the I2C port and can be stored in on-board
nonvolatile memory for automatic loading at power on. The
digital outputs are controlled from CapSense inputs in factory
default settings, but are user configurable for direct control
through I2C.
The four key blocks that make up the CY8C20111 and
CY8C20121 controllers are: a robust capacitive sensing core
with high immunity against radiated and conductive noise,
control registers with nonvolatile storage, configurable outputs,
and I2C communications. The user can configure registers with
parameters needed to adjust the operation and sensitivity of the
CapSense buttons and outputs and permanently store the
settings. The standard I2C serial communication interface allows
the host to configure the device and read sensor information in
real time. I2C address is fully configurable without any external
hardware strapping.
[+] Feedback


Similar Part No. - CY8C20121

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20121 CYPRESS-CY8C20121 Datasheet
756Kb / 34P
CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
756Kb / 34P
CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1I CYPRESS-CY8C20121-SX1I Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
756Kb / 34P
CapSense Express-One Button and Two Button Capacitive Controllers
CY8C20121-SX1IT CYPRESS-CY8C20121-SX1IT Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results

Similar Description - CY8C20121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
One Button Timer
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111 Datasheet
756Kb / 34P
CapSense Express-One Button and Two Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
Capacitive Button Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
CapSense Express Button Capacitive Controllers
logo
Semtech Corporation
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Wheel Touch Controller
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
logo
Cypress Semiconductor
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
CapSense짰 Express??Slider Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
CapSense짰 Express??Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
CapSense짰 Express??Button Capacitive Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com