Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201 Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 22Page - Microchip Technology PIC24F04KA201 Datasheet HTML 23Page - Microchip Technology PIC24F04KA201 Datasheet HTML 24Page - Microchip Technology PIC24F04KA201 Datasheet HTML 25Page - Microchip Technology PIC24F04KA201 Datasheet HTML 26Page - Microchip Technology PIC24F04KA201 Datasheet HTML 27Page - Microchip Technology PIC24F04KA201 Datasheet HTML 28Page - Microchip Technology PIC24F04KA201 Datasheet HTML 29Page - Microchip Technology PIC24F04KA201 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 26
Advance Information
© 2008 Microchip Technology Inc.
4.5.2
PROGRAMMING VERIFICATION
After the code memory is programmed, the contents of
the memory can be verified to ensure that the
programming is successful. Verification requires the
code memory to be read back and compared with the
copy held in the programmer‘s buffer.
The READP command can be used to read back all of
the programmed code memory.
Alternatively, you can have the programmer perform
the verification after the entire device is programmed
using a checksum computation.
FIGURE 4-5:
FLOWCHART FOR
PROGRAMMING CODE
MEMORY
4.6
Data EEPROM Programming
4.6.1
PROGRAMMING METHODOLOGY
The programming executive uses the PROGD command
to program the data EEPROM. Figure 4.7 illustrates
this process.
• First, the number of words to program
(RemainingWords) is based on the device size
and the destination address (DestAddress) is set
to 0. In this example, 256 words of data EEPROM
will be programmed.
• The first PROGD command programs the first word
of data EEPROM.
• Once the command completes successfully,
‘RemainingWords’ is decremented by 1 and
compared with 0.
• Since there are 255 more words to program,
‘BaseAddress’ is incremented by 02h to point to
the next word of data EEPROM.
• This process is then repeated until all 256 words
of data EEPROM are programmed.
4.6.2
PROGRAMMING VERIFICATION
Once the data EEPROM is programmed, the contents
of the memory can be verified to ensure if the
programming was successful. Verification requires the
data EEPROM to be read back and compared with the
copy held in the programmer‘s buffer. The READD
command reads back the programmed data EEPROM.
Alternatively,
the
programmer
can
perform
the
verification once the entire device is programmed using
a
checksum
computation,
as
described
in
Section 6.1.1 “Checksum Computation”.
Is
PROGP
response
PASS?
Are
RemainingCmds
‘0‘?
BaseAddress = 00h
RemainingCmds = 176
RemainingCmds =
RemainingCmds – 1
BaseAddress =
BaseAddress + 40h
No
No
Yes
Yes
Start
Failure
Report Error
Send PROGP
Command to Program
BaseAddress
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com