Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 33Page - Microchip Technology PIC24F04KA201 Datasheet HTML 34Page - Microchip Technology PIC24F04KA201 Datasheet HTML 35Page - Microchip Technology PIC24F04KA201 Datasheet HTML 36Page - Microchip Technology PIC24F04KA201 Datasheet HTML 37Page - Microchip Technology PIC24F04KA201 Datasheet HTML 38Page - Microchip Technology PIC24F04KA201 Datasheet HTML 39Page - Microchip Technology PIC24F04KA201 Datasheet HTML 40Page - Microchip Technology PIC24F04KA201 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 37
Expected Response (2 words):
1F00h
0002h
5.2.11
PROGP
COMMAND
The PROGP command instructs the programming
executive to program one row of code memory to the
specified memory address. Programming begins with
the row address specified in the command. The
destination address should be a multiple of 40h.
The data to program to memory, located in command
words, D_1 through D_48, should be arranged using
the packed instruction word format depicted in
Figure 5-5.
After the entire data is programmed to code memory,
the programming executive verifies the programmed
data against the data in the command.
The PROGP command is also used to program
Configuration Words. While PROGP is used to program
Configuration Words, the length in the command
should be four. Only one Configuration Word at a time
can be programed. The unimplemented bits of the
Configuration Word should be stuffed with ‘1’s.
Expected Response (2 words):
1500h
0002h
5.2.12
QBLANK
COMMAND
The QBLANK command queries the programming exec-
utive to determine if the contents of code memory and
code-protect Configuration bits (GCP and GWRP) are
blank (contain all ‘1’s). The size of the code memory to
check should be specified in the command.
The Blank Check for code memory begins at 0h and
advances toward larger addresses for the specified
number of instruction words.
QBLANK
returns a QE_Code of F0h if the specified
code memory and code-protect bits are blank;
otherwise, it returns a QE_Code of 0Fh.
Expected Response (2 words for blank device):
1AF0h
0002h
Expected Response (2 words for non-blank device):
1A0Fh
0002h
Note:
Refer to Table 2-4 for data EEPROM
memory size information.
15
12 11
8 7
0
Opcode
Length
Reserved
Addr_MSB
Addr_LS
D_1
D_2
...
D_48
Field
Description
Opcode
5h
Length
33h
Reserved
0h
Addr_MSB
MSb of 24-bit destination address.
Addr_LS
Least Significant 16 bits of 24-bit
destination address.
D_1
16-bit data word 1.
D_2
16-bit data word 2.
...
16-bit data word 3 through 47.
D_48
16-bit data word 48.
Note:
Refer to Table 2-3 for code memory size
information.
15
12 11
0
Opcode
Length
PSize
Reserved
DSize
Field
Description
Opcode
Ah
Length
3h
PSize
Length of program memory to check
in 24-bit words (max. of 49152).
Reserved
0h
DSize
Length of data memory to check
in 16-bit words (max. of 2048).
Note:
QBLANK
does not check the system
operation Configuration bits as these bits
are not set to ‘1’ when a Chip Erase is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com