Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 45Page - Texas Instruments TMS320C2811 Datasheet HTML 46Page - Texas Instruments TMS320C2811 Datasheet HTML 47Page - Texas Instruments TMS320C2811 Datasheet HTML 48Page - Texas Instruments TMS320C2811 Datasheet HTML 49Page - Texas Instruments TMS320C2811 Datasheet HTML 50Page - Texas Instruments TMS320C2811 Datasheet HTML 51Page - Texas Instruments TMS320C2811 Datasheet HTML 52Page - Texas Instruments TMS320C2811 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
The PLL, clocking, watchdog and low-power modes, are controlled by the registers listed in Table 3-15.
Table 3-15. PLL, Clocking, Watchdog, and Low-Power Mode Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
Reserved
0x00 7010 – 0x00 7017
8
Reserved
0x00 7018
1
Reserved
0x00 7019
1
High-Speed Peripheral Clock Prescaler Register for
HISPCP
0x00 701A
1
HSPCLK clock
Low-Speed Peripheral Clock Prescaler Register for
LOSPCP
0x00 701B
1
LSPCLK clock
PCLKCR
0x00 701C
1
Peripheral Clock Control Register
Reserved
0x00 701D
1
LPMCR0
0x00 701E
1
Low-Power Mode Control Register 0
LPMCR1
0x00 701F
1
Low-Power Mode Control Register 1
Reserved
0x00 7020
1
PLLCR
0x00 7021
1
PLL Control Register(2)
SCSR
0x00 7022
1
System Control and Status Register
WDCNTR
0x00 7023
1
Watchdog Counter Register
Reserved
0x00 7024
1
WDKEY
0x00 7025
1
Watchdog Reset Key Register
Reserved
0x00 7026 – 0x00 7028
3
WDCR
0x00 7029
1
Watchdog Control Register
Reserved
0x00 702A – 0x00 702F
6
(1)
All of the above registers can only be accessed by executing the EALLOW instruction.
(2)
The PLL control register (PLLCR) is reset to a known state by the XRS signal only. Emulation reset (through Code Composer Studio)
will not reset PLLCR.
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
49
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com