Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 55Page - Texas Instruments TMS320C2811 Datasheet HTML 56Page - Texas Instruments TMS320C2811 Datasheet HTML 57Page - Texas Instruments TMS320C2811 Datasheet HTML 58Page - Texas Instruments TMS320C2811 Datasheet HTML 59Page - Texas Instruments TMS320C2811 Datasheet HTML 60Page - Texas Instruments TMS320C2811 Datasheet HTML 61Page - Texas Instruments TMS320C2811 Datasheet HTML 62Page - Texas Instruments TMS320C2811 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 4-3. EVA Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
GPTCONA
0x00 7400
1
GP Timer Control Register A
T1CNT
0x00 7401
1
GP Timer 1 Counter Register
T1CMPR
0x00 7402
1
GP Timer 1 Compare Register
T1PR
0x00 7403
1
GP Timer 1 Period Register
T1CON
0x00 7404
1
GP Timer 1 Control Register
T2CNT
0x00 7405
1
GP Timer 2 Counter Register
T2CMPR
0x00 7406
1
GP Timer 2 Compare Register
T2PR
0x00 7407
1
GP Timer 2 Period Register
T2CON
0x00 7408
1
GP Timer 2 Control Register
EXTCONA(2)
0x00 7409
1
GP Extension Control Register A
COMCONA
0x00 7411
1
Compare Control Register A
ACTRA
0x00 7413
1
Compare Action Control Register A
DBTCONA
0x00 7415
1
Dead-Band Timer Control Register A
CMPR1
0x00 7417
1
Compare Register 1
CMPR2
0x00 7418
1
Compare Register 2
CMPR3
0x00 7419
1
Compare Register 3
CAPCONA
0x00 7420
1
Capture Control Register A
CAPFIFOA
0x00 7422
1
Capture FIFO Status Register A
CAP1FIFO
0x00 7423
1
Two-Level-Deep Capture FIFO Stack 1
CAP2FIFO
0x00 7424
1
Two-Level-Deep Capture FIFO Stack 2
CAP3FIFO
0x00 7425
1
Two-Level-Deep Capture FIFO Stack 3
CAP1FBOT
0x00 7427
1
Bottom Register of Capture FIFO Stack 1
CAP2FBOT
0x00 7428
1
Bottom Register of Capture FIFO Stack 2
CAP3FBOT
0x00 7429
1
Bottom Register of Capture FIFO Stack 3
EVAIMRA
0x00 742C
1
Interrupt Mask Register A
EVAIMRB
0x00 742D
1
Interrupt Mask Register B
EVAIMRC
0x00 742E
1
Interrupt Mask Register C
EVAIFRA
0x00 742F
1
Interrupt Flag Register A
EVAIFRB
0x00 7430
1
Interrupt Flag Register B
EVAIFRC
0x00 7431
1
Interrupt Flag Register C
(1)
The EV-B register set is identical except the address range is from 0x00 7500 to 0x00 753F. The above registers are mapped to Zone 2.
This space allows only 16-bit accesses. 32-bit accesses produce undefined results.
(2)
New register compared to 24x/240x
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
59
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com