Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 59Page - Texas Instruments TMS320C2811 Datasheet HTML 60Page - Texas Instruments TMS320C2811 Datasheet HTML 61Page - Texas Instruments TMS320C2811 Datasheet HTML 62Page - Texas Instruments TMS320C2811 Datasheet HTML 63Page - Texas Instruments TMS320C2811 Datasheet HTML 64Page - Texas Instruments TMS320C2811 Datasheet HTML 65Page - Texas Instruments TMS320C2811 Datasheet HTML 66Page - Texas Instruments TMS320C2811 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 170 page
background image
0,
Value
Digital
=
V
0
input
when
£
4095,
Value
Digital
=
V
3
input
when
³
V
3
input
V
0
when
<
<
3
ADCLO
Voltage
Analog
Input
4096
Value
Digital
-
´
=
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
4.3
Enhanced Analog-to-Digital Converter (ADC) Module
A simplified functional block diagram of the ADC module is shown in Figure 4-4. The ADC module
consists of a 12-bit ADC with a built-in sample-and-hold (S/H) circuit. Functions of the ADC module
include:
•
12-bit ADC core with built-in S/H
•
Analog input: 0.0 V to 3.0 V (voltages above 3.0 V produce full-scale conversion results)
•
Fast conversion rate: 80 ns at 25-MHz ADC clock, 12.5 MSPS
•
16-channel, MUXed inputs
•
Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion
can be programmed to select any 1 of 16 input channels
•
Sequencer can be operated as two independent 8-state sequencers or as one large 16-state
sequencer (i.e., two cascaded 8-state sequencers)
•
Sixteen result registers (individually addressable) to store conversion values
–
The digital value of the input analog voltage is derived by:
•
Multiple triggers as sources for the start-of-conversion (SOC) sequence
–
S/W – software immediate start
–
EVA – Event manager A (multiple event sources within EVA)
–
EVB – Event manager B (multiple event sources within EVB)
•
Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
•
Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
•
EVA and EVB triggers can operate independently in dual-sequencer mode
•
Sample-and-hold (S/H) acquisition time window has separate prescale control
The ADC module in the F281x and C281x has been enhanced to provide flexible interface to event
managers A and B. The ADC interface is built around a fast, 12-bit ADC module with a fast conversion
rate of 80 ns at 25-MHz ADC clock. The ADC module has 16 channels, configurable as two independent
8-channel modules to service event managers A and B. The two independent 8-channel modules can be
cascaded to form a 16-channel module. Although there are multiple input channels and two sequencers,
there is only one converter in the ADC module. Figure 4-4 shows the block diagram of the F281x and
C281x ADC module.
The two 8-channel modules have the capability to autosequence a series of conversions, each module
has the choice of selecting any one of the respective eight channels available through an analog MUX. In
the cascaded mode, the autosequencer functions as a single 16-channel sequencer. On each sequencer,
once the conversion is complete, the selected channel value is stored in its respective RESULT register.
Autosequencing allows the system to convert the same channel multiple times, allowing the user to
perform oversampling algorithms. This gives increased resolution over traditional single-sampled
conversion results.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
63
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com