Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 17Page - Texas Instruments TMS320C2811 Datasheet HTML 18Page - Texas Instruments TMS320C2811 Datasheet HTML 19Page - Texas Instruments TMS320C2811 Datasheet HTML 20Page - Texas Instruments TMS320C2811 Datasheet HTML 21Page - Texas Instruments TMS320C2811 Datasheet HTML 22Page - Texas Instruments TMS320C2811 Datasheet HTML 23Page - Texas Instruments TMS320C2811 Datasheet HTML 24Page - Texas Instruments TMS320C2811 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
JTAG
JTAG test reset with internal pulldown. TRST,
when driven high, gives the scan system
control of the operations of the device. If this
signal is not connected or driven low, the
device operates in its functional mode, and the
test reset signals are ignored.
NOTE: Do not use pullup resistors on TRST; it
has an internal pulldown device. TRST is an
active-high test pin and must be maintained
low at all times during normal device
TRST
B12
135
98
I
PD
operation. In a low-noise environment, TRST
may be left floating. In other instances, an
external pulldown resistor is highly
recommended. The value of this resistor
should be based on drive strength of the
debugger pods applicable to the design. A
2.2-k
Ω resistor generally offers adequate
protection. Since this is application-specific, it
is recommended that each target board be
validated for proper operation of the debugger
and the application.
TCK
A12
136
99
I
PU
JTAG test clock with internal pullup
JTAG test-mode select (TMS) with internal
TMS
D13
126
92
I
PU
pullup. This serial control input is clocked into
the TAP controller on the rising edge of TCK.
JTAG test data input (TDI) with internal pullup.
TDI
C13
131
96
I
PU
TDI is clocked into the selected register
(instruction or data) on a rising edge of TCK.
JTAG scan out, test data output (TDO). The
contents of the selected register (instruction or
TDO
D12
127
93
O/Z
–
data) is shifted out of TDO on the falling edge
of TCK.
Emulator pin 0. When TRST is driven high,
this pin is used as an interrupt to or from the
emulator system and is defined as input/output
through the JTAG scan. This pin is also used
to put the device into boundary-scan mode.
With the EMU0 pin at a logic-high state and
the EMU1 pin at a logic-low state, a rising
edge on the TRST pin would latch the device
into boundary-scan mode.
EMU0
D11
137
100
I/O/Z
PU
NOTE: An external pullup resistor is
recommended on this pin. The value of this
resistor should be based on the drive strength
of the debugger pods applicable to the design.
A 2.2-k
Ω to 4.7-kΩ resistor is generally
adequate. Since this is application-specific, it
is recommended that each target board be
validated for proper operation of the debugger
and the application.
Copyright © 2001–2011, Texas Instruments Incorporated
Introduction
21
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com