Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320C2811
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 20Page - Texas Instruments TMS320C2811 Datasheet HTML 21Page - Texas Instruments TMS320C2811 Datasheet HTML 22Page - Texas Instruments TMS320C2811 Datasheet HTML 23Page - Texas Instruments TMS320C2811 Datasheet HTML 24Page - Texas Instruments TMS320C2811 Datasheet HTML 25Page - Texas Instruments TMS320C2811 Datasheet HTML 26Page - Texas Instruments TMS320C2811 Datasheet HTML 27Page - Texas Instruments TMS320C2811 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
VDDIO
J4
31
25
–
–
VDDIO
L7
64
49
–
–
VDDIO
L10
81
–
–
–
3 3-V I/O Digital Power Pins
VDDIO
N14
–
–
–
–
VDDIO
G11
114
83
–
–
VDDIO
E9
145
104
–
–
3.3-V Flash Core Power Pin. This pin should
be connected to 3.3 V at all times after
power-up sequence requirements have been
VDD3VFL
N8
69
52
–
–
met. This pin is used as VDDIO in ROM parts
and must be connected to 3.3 V in ROM parts
as well.
GPIO OR PERIPHERAL SIGNALS
GPIOA OR EVA SIGNALS
GPIOA0 - PWM1 (O)
M12
92
68
I/O
PU
GPIO or PWM Output Pin #1
GPIOA1 - PWM2 (O)
M14
93
69
I/O
PU
GPIO or PWM Output Pin #2
GPIOA2 - PWM3 (O)
L12
94
70
I/O
PU
GPIO or PWM Output Pin #3
GPIOA3 - PWM4 (O)
L13
95
71
I/O
PU
GPIO or PWM Output Pin #4
GPIOA4 - PWM5 (O)
K11
98
72
I/O
PU
GPIO or PWM Output Pin #5
GPIOA5 - PWM6 (O)
K14
101
75
I/O
PU
GPIO or PWM Output Pin #6
GPIOA6 -
J11
102
76
I/O
PU
GPIO or Timer 1 Output
T1PWM_T1CMP (I)
GPIOA7 -
J13
104
77
I/O
PU
GPIO or Timer 2 Output
T2PWM_T2CMP (I)
GPIOA8 - CAP1_QEP1 (I)
H10
106
78
I/O
PU
GPIO or Capture Input #1
GPIOA9 - CAP2_QEP2 (I)
H11
107
79
I/O
PU
GPIO or Capture Input #2
GPIOA10 - CAP3_QEPI1 (I)
H12
109
80
I/O
PU
GPIO or Capture Input #3
GPIOA11 - TDIRA (I)
F14
116
85
I/O
PU
GPIO or Timer Direction
GPIOA12 - TCLKINA (I)
F13
117
86
I/O
PU
GPIO or Timer Clock Input
GPIOA13 - C1TRIP (I)
E13
122
89
I/O
PU
GPIO or Compare 1 Output Trip
GPIOA14 - C2TRIP (I)
E11
123
90
I/O
PU
GPIO or Compare 2 Output Trip
GPIOA15 - C3TRIP (I)
F10
124
91
I/O
PU
GPIO or Compare 3 Output Trip
GPIOB OR EVB SIGNALS
GPIOB0 - PWM7 (O)
N2
45
33
I/O
PU
GPIO or PWM Output Pin #7
GPIOB1 - PWM8 (O)
P2
46
34
I/O
PU
GPIO or PWM Output Pin #8
GPIOB2 - PWM9 (O)
N3
47
35
I/O
PU
GPIO or PWM Output Pin #9
GPIOB3 - PWM10 (O)
P3
48
36
I/O
PU
GPIO or PWM Output Pin #10
GPIOB4 - PWM11 (O)
L4
49
37
I/O
PU
GPIO or PWM Output Pin #11
GPIOB5 - PWM12 (O)
M4
50
38
I/O
PU
GPIO or PWM Output Pin #12
GPIOB6 -
K5
53
40
I/O
PU
GPIO or Timer 3 Output
T3PWM_T3CMP (I)
GPIOB7 -
N5
55
41
I/O
PU
GPIO or Timer 4 Output
T4PWM_T4CMP (I)
GPIOB8 - CAP4_QEP3 (I)
M5
57
43
I/O
PU
GPIO or Capture Input #4
GPIOB9 - CAP5_QEP4 (I)
M6
59
44
I/O
PU
GPIO or Capture Input #5
GPIOB10 - CAP6_QEPI2 (I)
P6
60
45
I/O
PU
GPIO or Capture Input #6
GPIOB11 - TDIRB (I)
L8
71
54
I/O
PU
GPIO or Timer Direction
GPIOB12 - TCLKINB (I)
K8
72
55
I/O
PU
GPIO or Timer Clock Input
24
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com