Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

705-5100-F21 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 705-5100-F21
Description  Enhanced Model 705 with PROFIBUS PA??Digital Output
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-F21 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 705-5100-F21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-F21 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
57-645 Eclipse Guided Wave Radar Transmitter - PROFIBUS PA™
2.2.2 Transmitter
z Tighten the hex nut of the probe process connection or
flange bolts.
NOTE: Leave the plastic protective cap in place until ready to
install the transmitter. Do not use sealing compound or TFE
tape on probe connection to transmitter as this connection is
sealed by a Viton® O-ring.
{ Remove the protective plastic cap from the top of the probe
and store for future use. Make sure the top probe connector
(female socket) is clean and dry. Clean with isopropyl
alcohol and cotton swabs if necessary.
| Place the transmitter on the probe. Align the universal
connection at the base of the transmitter housing with the
top of the probe. Hand tighten the connection.
} Rotate the transmitter so that it is in the most convenient
position for wiring, configuring, and viewing.
~ Using a 11⁄
2
" (38 mm) wrench, tighten the universal
connection on the transmitter 1⁄4 to 1⁄2 turn beyond hand
tight. A torque wrench is highly recommended to obtain
15 ft-lbs. This is a critical connection. DO NOT LEAVE
HAND TIGHT.
2.3
QuickStart Wiring
WARNING! Explosion hazard. Do not connect or disconnect equip-
ment unless power has been switched off or the area is
known to be non-hazardous.
NOTE: Ensure that the electrical wiring to the Eclipse transmitter is
complete and in compliance with all regulations and codes.
1. Remove the cover of the upper wiring compartment of the
transmitter.
2. Attach a conduit fitting and mount the conduit plug in the
spare opening. Pull the power supply wire through the con-
duit fitting.
3. Connect shield to an earth ground at power supply.
4. Connect the positive supply wire to the (+) terminal and the
negative supply wire to the (-) terminal.
5. Replace the cover and tighten.
Blue
(typical) (+)
Brown
(typical) (-)
(+)
(-)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com