Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 20 Page - Rohm

Part # BD9104FVM
Description  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 20 Page - Rohm

Back Button BD9104FVM Datasheet HTML 16Page - Rohm BD9104FVM Datasheet HTML 17Page - Rohm BD9104FVM Datasheet HTML 18Page - Rohm BD9104FVM Datasheet HTML 19Page - Rohm BD9104FVM Datasheet HTML 20Page - Rohm BD9104FVM Datasheet HTML 21Page - Rohm BD9104FVM Datasheet HTML 22Page - Rohm BD9104FVM Datasheet HTML 23Page - Rohm BD9104FVM Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20/27
BD9102FVM BD9104FVM BD9106FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00080-1-2
Information on Advantages
Advantage 1:Offers fast transient response with current mode control system.
Voltage drop due to sudden change in load was reduced by 50%.
Fig.47 Comparison of transient response
Advantage 2: Offers high efficiency for all load range.
・For lighter load:
Utilizes the current mode control mode called SLLM for lighter load, which reduces various dissipation such as
switching dissipation (PSW), gate charge/discharge dissipation, ESR dissipation of output capacitor (PESR) and
on-resistance dissipation (PRON) that may otherwise cause degradation in efficiency for lighter load.
Achieves efficiency improvement for lighter load.
・For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance
MOS FETs incorporated as power transistor.
ON resistance of P-
channel MOS FET: 0.35 Ω (Typ.)
ON resistance of N-
channel MOS FET: 0.25 Ω (Typ.)
Achieves efficiency improvement for heavier load.
Offers high efficiency for all load range with the improvements mentioned above.
Advantage 3:・Supplied in smaller package like MOSP8 due to small-sized power MOS FET incorporated.
・Allows reduction in size of application products
Reduces a mounting area required.
Fig.49 Example application
・
Output capacitor Co required for current mode control: 10 μF ceramic capacitor
・Inductance L
required for the operating frequency of 1 MHz: 4.7 μH inductor
DC/DC
Convertor
Controller
RITH
L
Co
VOUT
CITH
VCC
Cin
10mm
15mm
RITH
CITH
CIN
CO
L
VOUT
IOUT
228mV
VOUT
IOUT
110mV
Conventional product (VOUT of which is 3.3 volts)
BD9104FVM(Load response IO=100mA→600mA)
0.001
0.01
0.1
1
0
50
100
①
②
PWM
SLLM
TM
①inprovement by SLLM system
②improvement by synchronous rectifier
Output current Io[A]
Fig.48 Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com