Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 24 Page - Rohm

Part # BD9104FVM
Description  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 24 Page - Rohm

Back Button BD9104FVM Datasheet HTML 20Page - Rohm BD9104FVM Datasheet HTML 21Page - Rohm BD9104FVM Datasheet HTML 22Page - Rohm BD9104FVM Datasheet HTML 23Page - Rohm BD9104FVM Datasheet HTML 24Page - Rohm BD9104FVM Datasheet HTML 25Page - Rohm BD9104FVM Datasheet HTML 26Page - Rohm BD9104FVM Datasheet HTML 27Page - Rohm BD9104FVM Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24/27
BD9102FVM BD9104FVM BD9106FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00080-1-2
BD9102FVM, BD9104FVM, BD9106FVM Cautions on PC Board Layout
Fig.58 Layout diagram
①
For the sections drawn with heavy line, use thick conductor pattern as short as possible.
②
Lay out the input ceramic capacitor CIN closer to the pins PVCC and PGND, and the output capacitor Co closer to the
pin PGND.
③
Lay out CITH and RITH between the pins ITH and GND as neat as possible with least necessary wiring.
Table1.Recommended parts list of application [BD9102FVM]
symbol
part
value
manufacturer
Series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
330pF
murata
GRM18series
RITH
Resistor
30kΩ
ROHM
MCR10 3002
Table2. Recommended parts list of application [BD9104FVM]
symbol
part
value
manufacturer
Series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
330pF
murata
GRM18series
RITH
Resistor
51kΩ
ROHM
MCR10 5102
Table3.Recommended parts list of application [BD9106FVM]
symbol
part
value
manufacturer
series
L
Inductor
4.7μH
Sumida
CMD6D11B
CIN
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CO
Ceramic capacitor
10μF
Kyocera
CM316X5R106M10A
CITH
Ceramic capacitor
750pF
murata
GRM18series
Table4.BD9106FVM RITH recommended value
Vout[V]
RITH
1.0
18kΩ
1.2
22kΩ
1.5
2
2kΩ
1.8
27kΩ
2.5
36kΩ
8
7
6
5
1
2
3
4
VOUT/ADJ
ITH
EN
GND
VCC
PVCC
SW
PGND
CO
GND
VOUT
VCC
L
①
③
EN
RITH
CITH
CIN
②
*BD9106FVM: As the resistance recommended for RITH depends on the output voltage, check
the output voltage for determination of resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com