Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 1 Page - Rohm

Part # BD9104FVM
Description  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 1 Page - Rohm

  BD9104FVM Datasheet HTML 1Page - Rohm BD9104FVM Datasheet HTML 2Page - Rohm BD9104FVM Datasheet HTML 3Page - Rohm BD9104FVM Datasheet HTML 4Page - Rohm BD9104FVM Datasheet HTML 5Page - Rohm BD9104FVM Datasheet HTML 6Page - Rohm BD9104FVM Datasheet HTML 7Page - Rohm BD9104FVM Datasheet HTML 8Page - Rohm BD9104FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/27
02.MAR.2012 Rev.001
www.rohm.com
TSZ02201-0J3J0AJ00080-1-2
©2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
4.0V(or 4.5V) to 5.5V, 0.8A 1ch
Synchronous Buck Converter Integrated FET
BD9102FVM
BD9104FVM
BD9106FVM
●General Description
ROHM’s high efficiency step-down switching
regulator (BD9102FVM, BD9104FVM, BD9106FVM)
is a power supply designed to produce a low voltage
including 1.24 volts from 5 volts power supply line.
Offers high efficiency with our original pulse skip
control technology and synchronous rectifier.
Employs a current mode control system to provide
faster transient response to sudden change in load.
●Features
 Offers fast transient response with current mode
PWM control system.
 Offers highly efficiency for all load range with
synchronous rectifier (Nch/Pch FET)
and SLLM
TM (Simple Light Load Mode)
 Incorporates soft-start function.
 Incorporates thermal protection and ULVO
functions.
 Incorporates short-current protection circuit with
time delay function.
 Incorporates shutdown function
●Typical Application Circuit
●Key Specifications
 Input voltage range
BD9102FVM , BD9106FVM:
4.0V to 5.5V
BD9104FVM
4.5V to 5.5V
 Output voltage range
BD9102FVM:
1.24V ± 2%
BD9104FVM:
3.30V ± 2%
BD9106FVM:
1.20V to 2.50V
 Output current:
0.8A(Max.)
 Switching frequency:
1.0MHz(Typ.)
 Pch FET ON resistance:
350mΩ(Typ.)
 Nch FET ON resistance:
250mΩ(Typ.)
 Standby current:
0
μA(Max.)
 Operating temperature range:
-25℃ to +85℃
●Package
MSOP8:
2.90 mm x 4.00 mm x 0.83 mm
●Applications
Power supply for HDD, power supply for portable
electronic devices like PDA, and power supply for LSI
including CPU and ASIC
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
Fig.1 Typical Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.


Similar Part No. - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9104FVM ROHM-BD9104FVM Datasheet
296Kb / 5P
1ch DC/DC Converter Controller IC built in synchronous rectifier
BD9104FVM ROHM-BD9104FVM Datasheet
651Kb / 18P
Output 1.5A or Less High Efficiency Step-down Switching Regulators with Built-in Power MOSFET
BD9104FVM-TR ROHM-BD9104FVM-TR Datasheet
2Mb / 29P
Synchronous Buck Converter Integrated FET
More results

Similar Description - BD9104FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
BD8966FVM ROHM-BD8966FVM_12 Datasheet
876Kb / 19P
4.0V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com