Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM Datasheet(PDF) 21 Page - Rohm

Part # BD9104FVM
Description  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM Datasheet(HTML) 21 Page - Rohm

Back Button BD9104FVM Datasheet HTML 17Page - Rohm BD9104FVM Datasheet HTML 18Page - Rohm BD9104FVM Datasheet HTML 19Page - Rohm BD9104FVM Datasheet HTML 20Page - Rohm BD9104FVM Datasheet HTML 21Page - Rohm BD9104FVM Datasheet HTML 22Page - Rohm BD9104FVM Datasheet HTML 23Page - Rohm BD9104FVM Datasheet HTML 24Page - Rohm BD9104FVM Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/27
BD9102FVM BD9104FVM BD9106FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00080-1-2
Switching Regulator Efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL×RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET
IOUT[A]:Output current.)
2)PD(Gate)=Cgs×f×V
(Cgs[F]:Gate capacitance of FET,f[H]:Switching frequency,V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor,ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC
(ICC[A]:Circuit current.)
Consideration on Permissible Dissipation and Heat Generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation.
In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat
generation must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
P=IOUT
2×(RCOIL+RON)
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
If VCC=5V, VOUT=3.3V, RCOIL
=0.15Ω, RONP=0.35Ω, RONN=0.25Ω
IOUT=0.8A, for example,
D=VOUT/VCC=3.3/5=0.66
RON=0.66×0.35+(1-0.66)×0.25
=0.231+0.085
=0.316[Ω]
P=0.8
2×(0.15+0.316)
≒298[mV]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater.
With the
consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
η=
VOUT×IOUT
Vin×Iin
×100[%]=
POUT
Pin
×100[%]=
POUT
POUT+PD
α
×100[%]
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET,IDRIVE[A]:Peak current of gate.)
Ambient temperature:Ta [℃]
Fig.50 Thermal derating curves
0
200
400
600
800
1000
②387.5mW
①587.4mW
①using an IC alone
θj-a=322.6℃/W
②mounted on glass epoxy PCB
θj-a=212.8℃/W
0
25
50
75
100
125
150
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com