Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAF12020A007V-006-R Datasheet(PDF) 2 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 2 Page - TDK Electronics

  IAF12020A007V-006-R Datasheet HTML 1Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 2Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 3Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 4Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 5Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 6Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 7Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 8Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
2/18
Ordering information:
Product
Identifier
Package Size
Platform
Input
Voltage
Output
Current/
Power
Units
Main
Output
Voltage
# of
Outputs
Safety
Class
Feature Set
RoHS
Indicator
i
A
F
12
020
A
007
V
-
0
06
-
R
TDK
Innoveta
33mm x
13.5mm
iAF
4.5V to
14V
20
Amps
0.70V to
5.5V
Single
See option
table
R=RoHS 6
Compliant
Option Table:
Feature Set
Positive
Logic On/Off
Negative
Logic On/Off
Sequence
LGA Solder
Bumping*
EPC Solder
Bumping*
Product Label
Marking
00
X
X
x
-000
01
X
X
x
-001
02
X
x
-002
03
X
x
-003
04
X
X
x
-004
05
X
X
x
-005
06
X
x
-006
07
X
x
-007
* LGA solder bumping option is recommended for customers using the DOSA standard land grid array
footprint and EPC soldering bumping is recommended for customers using the inspectable edge plated
castellation pads
Product Offering:
Code
Input Voltage
Output Voltage
Output Current
Maximum
Output Power
Efficiency
iAF12020A007V
4.5V-14V
0.70V-5.5V
20A
110W
95%
3320 Matrix Drive, Suite 100
Richardson, TX 75802
Phone (877) 498-0099 Toll Free
(469) 916-4747
Fax
(877) 498-0143 Toll Free
(214) 239-3101
support@tdkinnoveta.com
http://www.tdkinnoveta.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com