Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAF12020A007V-006-R Datasheet(PDF) 9 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 9 Page - TDK Electronics

Back Button IAF12020A007V-006-R Datasheet HTML 5Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 6Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 7Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 8Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 10Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 11Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 12Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
9/18
Electrical Characteristics:
Typical Power Dissipation vs. Input Voltage
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 14V
Vin = 9V
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 14V
Vin = 4.5V
Vo = 5V
Vo = 3.3V
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 14V
Vin = 4.5V
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 14V
Vin = 4.5V
Vo = 1.8V
Vo = 1.5V
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 14V
Vin = 4.5V
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
Vin = 7V
Vin = 12V
Vin = 9V
Vin = 4.5V
Vo = 1.2V
Vo = 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com