Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAF12020A007V-006-R Datasheet(PDF) 10 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 10 Page - TDK Electronics

Back Button IAF12020A007V-006-R Datasheet HTML 6Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 7Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 8Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 10Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 11Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 12Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 13Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
10/18
Electrical Characteristics:
Vo=1.8V Typical Output Ripple at nominal Input voltage and
full load at Ta=25 degrees
Typical Output Short Circuit Current – CH3, blue
lVo=1.8V Typical startup characteristic from on/off at light load.
Upper trace - output voltage, lower trace – on/off signal
Vo=1.8V Typical Input Ripple at nominal Input Voltage and full
load at Ta=25 degrees. Input capacitors 4 x 22uF ceramic
Vo=1.8V Typical output voltage transient response to load step
from 25% to 75% of full load with output current slew rate of
10A/uS.
(Cext = 4x47uF ceramic capacitor)
Vo=3.3V Typical output voltage transient response to load step
from 0% to 50% of full load with output current slew rate of
10A/uS.
(Cext = 4x47uF ceramic capacitor)
Vert = 10A/div
Horz =50ms/div
Vert = 10mV/div
Horz = 20us/div
CH1 = 0.5V/div
CH2 = 2V/div
Horz = 2ms/div
Vert = 20mV/div
Horz = 2us/div
CH1 = 200mV/div
CH2 = 5A/div
Horz = 100us/div
CH1 = 200mV/div
CH2 = 5A/div
Horz = 100us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com