Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAF12020A007V-006-R Datasheet(PDF) 7 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 7 Page - TDK Electronics

Back Button IAF12020A007V-006-R Datasheet HTML 3Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 4Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 5Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 6Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 7Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 8Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 10Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
7/18
Electrical Data:
Characteristic
Min
Typ
Max
Unit
Notes & Conditions
Output Voltage Initial Setpoint
-2
-
+2
%
Vo=3.3Vsetting, Vin=Vin,nom; Io=Io,max;
Tc = 25˚C
Output Voltage Tolerance
-3
-
+3
%
Over all rated input voltage, load, and
temperature conditions to end of life
Efficiency
Vo = 1.2V
Vo = 1.5V
Vo = 1.8V
Vo = 3.3V
Vo = 5.0V
---
---
---
---
---
82
85
87
91.5
93.5
---
---
---
---
---
%
%
%
%
%
Vin=12V; Io=Io,max; Tc=25˚C
Line Regulation
---
3
---
mV
Vin=Vin,min to Vin,max
Load Regulation
---
7
---
mV
Io=Io,min to Io,max
Output Current
0
---
20
A
Output Current Limiting Threshold
---
42
---
A
Vo = 0.9*Vo,nom, Tc<Tc,max)
Short Circuit Current
---
1
---
A
Vo = 0.25V, Tc = 25˚C
Output Ripple and Noise Voltage
---
10
---
mVpp
Measured across one 0.1 uF ceramic
capacitor and 4 x 47uF ceramic capacitor –
see input/output ripple measurement figure;
BW = 20MHz.
Output Voltage Adjustment Range
0.7
---
5.5
V
Output Voltage Sense Range
---
---
0.5
V
Dynamic Response:
Recovery Time
Transient Voltage
---
---
40
220
---
---
uS
mV
di/dt =10A/uS, Vin=Vin,nom; Vo=1.5V, load
step from 25% to 75% of Io,max, Cout =
Co,min
Switching Frequency
---
600
---
kHz
Fixed
External Load Capacitance
200
---
2000*
uF
Vref
0.69
V
Required for trim calculation
F
10000
Required for trim calculation
*Please contact TDK Innoveta for technical support for very low esr capacitor banks or if higher capacitance is required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com