Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IAF12020A007V-006-R Datasheet(PDF) 13 Page - TDK Electronics

Part # IAF12020A007V-006-R
Description  iAF Series ??Non-isolated SMT Power Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IAF12020A007V-006-R Datasheet(HTML) 13 Page - TDK Electronics

Back Button IAF12020A007V-006-R Datasheet HTML 9Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 10Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 11Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 12Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 13Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 14Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 15Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 16Page - TDK Electronics IAF12020A007V-006-R Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Advance Data Sheet: iAF Series – Non-isolated SMT Power Module
©2011 TDK Innoveta Inc.
iAF12_Full_Datasheet_08152011.doc 8/16/2011
(877) 498-0099
13/18
Soldering Information:
iAF surface mountable power modules are intended to be compatible with standard surface mount component
soldering processes and either hand placed or automatically picked and placed. The figure below shows the position
for vacuum pick up. The maximum weight of the power module is 5.5g (0.194 oz.). Improper handling or cleaning
processes can adversely affect the appearance, testability, and reliability of the power modules. The iAF product is a
moisture sensitivity level 2 device. Contact TDK Innoveta technical support for guidance regarding proper handling,
cleaning, and soldering of TDK Innoveta’s power modules.
Reflow Soldering
The iAF platform is an open frame power module manufactured with SMT (surface mount technology). Due to the high
thermal mass of the power module and sensitivity to heat of some SMT components, extra caution should be taken
when reflow soldering. Failure to follow the reflow soldering guidelines described below may result in permanent
damage and/or affect performance of the power modules.
The iAF power modules can be soldered using natural convection, forced convection, IR (radiant infrared), and
convection/IR reflow technologies. The module should be thermally characterized in its application to develop a
temperature profile. Thermal couples should be mounted to terminal 1 and terminal 4 and be monitored. The
temperatures should be maintained below 260 degrees. Oven temperature and conveyer belt speeds should be
controlled to ensure these limits are not exceeded. In most manufacturing processes, the solder paste required to form
a reliable connection can be applied with a standard 6 mil stencil.
Recommended Reflow Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
Reflow Time (seconds)
Liquidus Line
iAF Power Module suggested reflow-soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com