Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T255WAS Datasheet HTML 1Page - Texas Instruments PTH08T255WAS Datasheet HTML 2Page - Texas Instruments PTH08T255WAS Datasheet HTML 3Page - Texas Instruments PTH08T255WAS Datasheet HTML 4Page - Texas Instruments PTH08T255WAS Datasheet HTML 5Page - Texas Instruments PTH08T255WAS Datasheet HTML 6Page - Texas Instruments PTH08T255WAS Datasheet HTML 7Page - Texas Instruments PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
STANDARD APPLICATION
6
7
14
15
1
8
21
22
Config
+Sense
AGND
SmartSync
V
I
R
SET
1%, 0.05 W
(Required)
GND
GND
PTH08T255W
2
Share
3
Comp
5
CLKIO
19
TT
20
Track
V
I
V
I
V
I
Inhibit/UVLO
9
13
17
12
4
V
OAdj
18
10
11
V
O
V
O
-Sense 16
+
L
O
A
D
-Sense
GND
Inhibit
V
I
+
V
O
+Sense
C
I
1000 mF
(Required)
R
TT
1%
0.05 W
(Optional)
C
O
1000 mF
(Required)
UDG-08144
[A]
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
When using the AutoTrack feature with the PTH08T225W, a 100-k
Ω pull-up resistor to VI is required. If the AutoTrack
feature is not used, this pin must be directly connected to VI.
2
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com