Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 5 Page - Texas Instruments

  PTH08T255WAS Datasheet HTML 1Page - Texas Instruments PTH08T255WAS Datasheet HTML 2Page - Texas Instruments PTH08T255WAS Datasheet HTML 3Page - Texas Instruments PTH08T255WAS Datasheet HTML 4Page - Texas Instruments PTH08T255WAS Datasheet HTML 5Page - Texas Instruments PTH08T255WAS Datasheet HTML 6Page - Texas Instruments PTH08T255WAS Datasheet HTML 7Page - Texas Instruments PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
1
2
3
4
5
6
7
8
9
10 11
12 13
15
14
21
20
19
18
17
16
22
PTH08T255W
Texas
Instruments
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
ELECTRICAL CHARACTERISTICS
PTH08T255W
(continued)
TA = 25°C, VI = 12 V, VO = 3.3 V, CI = 1000 µF, CO = 1000 µF, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH08T255W
UNIT
MIN
TYP
MAX
Capacitance Value
Nonceramic
1000 (6)
8000 (7)
µF
w/o TurboTrans
Ceramic
1000
Equivalent series resistance (non-ceramic)
3
m
Ω
CO
External output capacitance
see table
Capacitance Value
µF
(6) (8)
w/ TurboTrans
Capacitance × ESR product (CO × ESR)
1000
10000 (8)
µF×m
Ω
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
2.56
106 Hr
TA = 40°C, ground benign
(6)
1000 µF of external non-ceramic output capacitance is required for basic operation. Adding additional capacitance at the load further
improves transient response. Up to 1000 µF of ceramic capacitance may be added in addition to the required non-ceramic capacitance.
See the Capacitor Application Information section and the TuboTrans Technology section for more guidance.
(7)
This is the calculated maximum when not using TurboTrans™ technology. This value includes both ceramic and non-ceramic
capacitors. The minimum ESR requirement often results in a lower value of output capacitance. See the Capacitor Application
Information section for further guidance.
(8)
When using TurboTrans™ technology, a minimum value of output capacitance is required for proper operation. Additionally, low ESR
capacitors are required for proper operation. See the TurboTrans Technology section for further guidance.
Copyright © 2008, Texas Instruments Incorporated
5
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com