Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 7Page - Texas Instruments PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments PTH08T255WAS Datasheet HTML 10Page - Texas Instruments PTH08T255WAS Datasheet HTML 11Page - Texas Instruments PTH08T255WAS Datasheet HTML 12Page - Texas Instruments PTH08T255WAS Datasheet HTML 13Page - Texas Instruments PTH08T255WAS Datasheet HTML 14Page - Texas Instruments PTH08T255WAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Designing for Fast Load Transients
Capacitor Table
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
The transient response of the dc/dc converter has been characterized using a load transient with a di/dt of
2.5A/µs. The typical voltage deviation for this load transient is given in the Electrical Characteristics table using
the minimum required value of output capacitance. As the di/dt of a transient is increased, the response of a
converter’s regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent
limitation with any dc/dc converter once the speed of the transient exceeds its bandwidth capability.
If the target application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with
additional low ESR ceramic capacitor decoupling. Generally, with load steps greater than 100A/µs, adding
multiple 10µF ceramic capacitors plus 10×1µF, and numerous high frequency ceramics (
≤0.1µF) is all that is
required to soften the transient higher frequency edges. The PCB location of these capacitors in relation to the
load is critical. DSP, FPGA and ASIC vendors identify types, location and amount of capacitance required for
optimum performance. Low impedance buses, unbroken PCB copper planes, and components located as close
as possible to the high frequency devices are essential for optimizing transient performance.
Table 3 identifies the characteristics of acceptable capacitors from a number of vendors. The recommended
number of capacitors required at both the input and output buses is identified for each capacitor.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to ensure both optimum regulator performance and long capacitor life.
Table 3. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Ripple
Capacitor Vendor,
Working
ESR at
Value
Current
Physical
Input
Type Series (Style)
No
Voltage
100
Vendor Part No.
TurboTrans
(µF)
at 85°C
Size (mm)
Bus
Turbo
(V)
kHz
(Cap Type)(2)
(Irms)
Trans
(
Ω)
(mA)
Panasonic
25
1000
0.043
1690
16 × 15
1
≥ 2(3)
N/R(4)
EEUFC1E102S
FC (Radial)
25
1800
0.029
2205
16 × 20
1
≥ 1(3)
N/R(4)
EEUFC1E182
FC (SMD)
25
2200
0.028
2490
18 × 21,5
1
≥ 1(3)
N/R(4)
EEVFC1E222N
FK (SMD)
25
1000
0.060
1100
12,5×13,5
1
≥ 2(5)
N/R(4)
EEVFK1V102Q
United Chemi-Con
PTB Poly-Tant (SMD)
6.3
330
0.025
2600
7,3x4,3x 2,8
N/R(6)
3 - 4(3)
(C)
≥ 2(2)
4PTB337MD6TER
LXZ, Aluminum (Radial)
25
680
0.068
1050
10 × 16
1
2 - 3(3)
N/R(4)
LXZ25VB681M10X20LL
PS, Poly-Alum (Radial)
16
330
0.014
5060
10 × 12,5
2
3
(B)
≥ 2(2)
16PS330MJ12
PXA, Poly-Alum (SMD)
16
330
0.014
5050
10 × 12,2
2
3
(B)
≥ 2(2)
PXA16VC331MJ12TP
PS, Poly-Alum (Radial)
6.3
680
0.010
5500
10 × 12,5
N/R(6)
2
(C)
≥ 1(2)
6PS680MJ12
PXA, Poly-Alum (Radial)
6.3
680
0.010
5500
10 × 12,2
N/R(6)
2
(C)
≥ 1(2)
PXA6.3VC681MJ12TP
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
See the capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process requirements.
Component designators or part number deviations can occur when material composition or soldering requirements are updated.
(2)
Required capacitors with TurboTrans. See the TransTrans Application information for Capacitor Selection
Capacitor Type Groups by ESR (Equivalent Series Resistance) :
a. Type A = (100 < capacitance × ESR
≤ 1000) (use Type A capacitors in addition to Type B or C)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(3)
Total bulk nonceramic capacitors on the output bus with ESR of
≥ 15mΩ to ≤ 30mΩ requires an additional ≥ 200 µF of ceramic
capacitor.
(4)
Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(5)
Output bulk capacitor's maximum ESR is
≥ 30 mΩ. Additional ceramic capacitance of ≥ 200 µF is required.
(6)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
Copyright © 2008, Texas Instruments Incorporated
11
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com