Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAS Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments PTH08T255WAS Datasheet HTML 10Page - Texas Instruments PTH08T255WAS Datasheet HTML 11Page - Texas Instruments PTH08T255WAS Datasheet HTML 12Page - Texas Instruments PTH08T255WAS Datasheet HTML 13Page - Texas Instruments PTH08T255WAS Datasheet HTML 14Page - Texas Instruments PTH08T255WAS Datasheet HTML 15Page - Texas Instruments PTH08T255WAS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Ripple
Capacitor Vendor,
Working
ESR at
Value
Current
Physical
Input
Type Series (Style)
No
Voltage
100
Vendor Part No.
TurboTrans
(µF)
at 85°C
Size (mm)
Bus
Turbo
(V)
kHz
(Cap Type)(2)
(Irms)
Trans
(
Ω)
(mA)
Nichicon, Aluminum
25
560
0.060
1060
12,5 × 15
1
≥ 2(7)
N/R(8)
UPM1E561MHH6
HD (Radial)
25
680
0.038
1430
10 × 16
1
≥ 2(7)
N/R(8)
UHD1C681MHR
PM (Radial)
35
560
0.048
1360
16 × 15
1
≥ 2(7)
N/R(8)
UPM1V561MHH6
Sanyo
SA, OS-CON (Radial)
16
1000
0.015
9700
16 × 26
1
1 - 3
N/R(8)
16SA1000M
SP OS-CON ( Radial)
10
470
0.015
4500
10 × 11,5
N/R(9)
2 - 3
(C)
≥ 2(10)
10SP470M
SEPC, OS-CON (Radial)
16
330
0.016
4700
10 × 12,7
2
3 - 4
(B)
≥ 2(10)
16SVP330M
SVPA, OS-CON (SMD)
6.3
820
0.012
4700
8 × 11,9
N/R(9)
1 - 2(7)
(C)
≥ 1(10)(7)
6SVPC820M
AVX Tantalum, Series 3
6.3
680
0.035
2400
7,3×4,3×4,1
N/R(9)
2 - 7(7)
N/R(8)
TPSE477M010R0045
TPM Multianode
6.3
470
0.018
3800
7,3×4,3×4,1
N/R(9)
2 - 3(7)
(C)
≥ 2(10)(7)
TPME687M006#0018
Kemet, Poly-Tantalum
6.3
470
0.040
2000
7,3×4,3×4
N/R(9)
2 - 7(7)
N/R(8)
T520X337M010AS
T520 (SMD)
6.3
330
0.015
3800
7,3×4,3×4
N/R(9)
3
(B)
≥ 2(10)
T530X337M010AS
Vishay-Sprague
94SA, OS-CON (Radial)
16
1000
0.015
9740
16 × 25
1
1 - 3
N/R(8)
94SA108X0016HBP
94SVP OS-CON (SMD)
16
330
0.017
4500
10 × 12,7
2
3
(C)
≥ 1(10)
94SVP827X06R3F12
Kemet, Ceramic X5R
16
10
0.002
–
3225
1
≥ 1(11)
(A)(10)
C1210C106M4PAC
(SMD)
6.3
47
0.002
N/R(9)
≥ 1(11)
(A)(10)
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
0.002
–
3225
N/R(9)
≥ 1(11)
(A)(10)
GRM32ER60J107M
(SMD)
6.3
47
N/R(9)
≥ 1(11)
(A)(10)
GRM32ER60J476M
25
22
1
≥ 1(11)
(A)(10)
GRM32ER61E226K
16
10
1
≥ 1(11)
(A)(10)
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
0.002
–
3225
N/R(9)
≥ 1(11)
(A)(10)
C3225X5R0J107MT
(SMD)
6.3
47
N/R(9)
≥ 1(11)
(A)(10)
C3225X5R0J476MT
16
10
1
≥ 1(11)
(A)(10)
C3225X5R1C106MT0
16
22
1
≥ 1(11)
(A)(10)
C3225X5R1C226MT
(7)
Total bulk nonceramic capacitors on the output bus with ESR of
≥ 15mΩ to ≤ 30mΩ requires an additional ≥ 200 µF of ceramic
capacitor.
(8)
Aluminum Electrolytic capacitor not recommended for the TurboTrans due to higher ESR × capacitance products. Aluminum and higher
ESR capacitors can be used in conjunction with lower ESR capacitance.
(9)
N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(10) Required capacitors with TurboTrans. See the TransTrans Application information for Capacitor Selection
Capacitor Type Groups by ESR (Equivalent Series Resistance) :
a. Type A = (100 < capacitance × ESR
≤ 1000) (use Type A capacitors in addition to Type B or C)
b. Type B = (1,000 < capacitance × ESR
≤ 5,000)
c. Type C = (5,000 < capacitance × ESR
≤ 10,000)
(11) Maximum ceramic capacitance on the output bus is
≤ 1000 µF. Any combination of the ceramic capacitor values is limited to 1000 µF
for non-TurboTrans applications. The total capacitance is limited to 8000 µF which includes all ceramic and non-ceramic types.
12
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com