Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTH08T255WAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 1 Page - Texas Instruments

  PTH08T255WAS Datasheet HTML 1Page - Texas Instruments PTH08T255WAS Datasheet HTML 2Page - Texas Instruments PTH08T255WAS Datasheet HTML 3Page - Texas Instruments PTH08T255WAS Datasheet HTML 4Page - Texas Instruments PTH08T255WAS Datasheet HTML 5Page - Texas Instruments PTH08T255WAS Datasheet HTML 6Page - Texas Instruments PTH08T255WAS Datasheet HTML 7Page - Texas Instruments PTH08T255WAS Datasheet HTML 8Page - Texas Instruments PTH08T255WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT,
NON-ISOLATED, ADJUSTABLE POWER MODULE
• Designed to meet Ultra-Fast Transient
Requirements up to 300 A/
µs
2
• Up to 40-A Output Current
• SmartSync Technology
• 8-V to 14-V Input Voltage
• Parallel Operation
• Wide-Output Voltage Adjust (3.0 V to 5.25 V)
• ±1.5% Total Output Voltage Variation
• Efficiencies up to 96%
• Complex Multi-Voltage Systems
• Output Overcurrent Protection
• Servers
(Nonlatching, Auto-Reset)
• Workstations
• Operating Temperature: –40°C to 85°C
• Safety Agency Approvals: (Pending)
–
UL/IEC/CSA-C22.2 60950-1
• Prebias Startup
• On/Off Inhibit
• Differential Output Voltage Remote Sense
• Adjustable Undervoltage Lockout
• Auto-Track™ Sequencing
• Multi-Phase, Switch-Mode Topology
• TurboTrans™ Technology
The PTH08T255W is a high-performance 40-A rated, non-isolated power module. This module represents the
2nd generation of the popular PTH series power modules with a reduced footprint and improved features.
Operating from an input voltage range of 8 V to 14 V, the PTH08T255W requires a single resistor to set the
output voltage to any value over the range, 3.0 V to 5.25 V. The wide input voltage range makes the
PTH08T255W particularly suitable for advanced computing and server applications that utilize a loosely
regulated 9.6-V to 12-V intermediate distribution bus.
The module incorporates a comprehensive list of features. Output overcurrent and over-temperature shutdown
protects against most load faults. A differential remote sense ensures tight load regulation. An adjustable
under-voltage lockout allows the turn-on voltage threshold to be customized. Auto-Track™ sequencing is a
popular feature that greatly simplifies the simultaneous power-up and power-down of multiple modules in a
power system. Additionally, the capability to current share between multiple PTH08T255W modules allows for
load currents greater than 40A on a single rail.
The PTH08T255W includes new patented technologies, TurboTrans™ and SmartSync. The TurboTrans feature
optimizes the transient response of the regulator while simultaneously reducing the quantity of external output
capacitors required to meet a target voltage deviation specification. Additionally, for a target output capacitor
bank, TurboTrans can be used to significantly improve the regulators transient response by reducing the peak
voltage deviation. SmartSync allows for switching frequency synchronization of multiple modules, thus simplifying
EMI noise suppression tasks and reducing input capacitor RMS current requirements.
The module uses double-sided surface mount construction to provide a low profile and compact footprint.
Package options include both through-hole and surface mount configurations that are lead (Pb) - free and RoHS
compatible.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Auto-Track, TMS320, TurboTrans are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTH08T255WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAD TI-PTH08T250WAD Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAS TI-PTH08T250WAS Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAST TI-PTH08T250WAST Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250WAZ TI-PTH08T250WAZ Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results

Similar Description - PTH08T255WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTV08040W TI-PTV08040W Datasheet
714Kb / 23P
50-A, 8-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT ADJUST, VERTICAL POWER MODULE
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T260W TI-PTH08T260W_15 Datasheet
1Mb / 38P
3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com