Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04754-03YA Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 30 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 26Page - Texas Instruments V62/04754-03YA Datasheet HTML 27Page - Texas Instruments V62/04754-03YA Datasheet HTML 28Page - Texas Instruments V62/04754-03YA Datasheet HTML 29Page - Texas Instruments V62/04754-03YA Datasheet HTML 30Page - Texas Instruments V62/04754-03YA Datasheet HTML 31Page - Texas Instruments V62/04754-03YA Datasheet HTML 32Page - Texas Instruments V62/04754-03YA Datasheet HTML 33Page - Texas Instruments V62/04754-03YA Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
30
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
PIN NO.
TYPE†
DESCRIPTION
SIGNAL
NAME
GFN
GDP
TYPE†
DESCRIPTION
SUPPLY VOLTAGE PINS (CONTINUED)
D11
D11
D14
D14
D15
D15
F4
F4
F17
F17
K1
K1
K4
K4
K17
K17
L4
L4
L17
L17
1.20‡-V supply voltage (C6712C/C6712D)
CVDD
L20
L20
S
1.20‡-V supply voltage (C6712C/C6712D)
1.8-V supply voltage (C6712)
CVDD
R4
R4
S
1.8-V supply voltage (C6712)
(see the power-supply decoupling portion of this data sheet)
R17
R17
(see the power-supply decoupling portion of this data sheet)
U6
U6
U10
U10
U11
U11
U14
U14
U15
U15
V3
V3
V18
V18
W2
W2
W19
W19
GROUND PINS
A1
A1
A2
A2
A11
A11
A14
A14
A19
A19
A20
A20
B1
B1
B4
B4
VSS
B11
—
GND
Ground pins
VSS
B15
B15
GND
Ground pins
B20
B20
—
C6
C8
C8
C9
C9
D4
D4
D8
D8
D13
D13
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ This value is compatible with existing 1.26V designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com