Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04754-03YA Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 13 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 9Page - Texas Instruments V62/04754-03YA Datasheet HTML 10Page - Texas Instruments V62/04754-03YA Datasheet HTML 11Page - Texas Instruments V62/04754-03YA Datasheet HTML 12Page - Texas Instruments V62/04754-03YA Datasheet HTML 13Page - Texas Instruments V62/04754-03YA Datasheet HTML 14Page - Texas Instruments V62/04754-03YA Datasheet HTML 15Page - Texas Instruments V62/04754-03YA Datasheet HTML 16Page - Texas Instruments V62/04754-03YA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
For more details on the EDMA parameter RAM 6-word parameter entry structure, see Figure 2.
31
0
EDMA Parameter
Word 0
EDMA Channel Options Parameter (OPT)
OPT
Word 1
EDMA Channel Source Address (SRC)
SRC
Word 2
Array/Frame Count (FRMCNT)
Element Count (ELECNT)
CNT
Word 3
EDMA Channel Destination Address (DST)
DST
Word 4
Array/Frame Index (FRMIDX)
Element Index (ELEIDX)
IDX
Word 5
Element Count Reload (ELERLD)
Link Address (LINK)
RLD
Figure 2. EDMA Channel Parameter Entries (6 Words) for Each EDMA Event
Table 8. EDMA Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01A0 0800 − 01A0 FEFC
−
Reserved
01A0 FF00
ESEL0
EDMA event selector 0 [C6712C/C6712D Only]
01A0 FF04
ESEL1
EDMA event selector 1 [C6712C/C6712D Only]
01A0 FF08 − 01A0 FF0B
−
Reserved
01A0 FF0C
ESEL3
EDMA event selector 3 [C6712C/C6712D Only]
01A0 FF1F − 01A0 FFDC
−
Reserved
01A0 FFE0
PQSR
Priority queue status register
01A0 FFE4
CIPR
Channel interrupt pending register
01A0 FFE8
CIER
Channel interrupt enable register
01A0 FFEC
CCER
Channel chain enable register
01A0 FFF0
ER
Event register
01A0 FFF4
EER
Event enable register
01A0 FFF8
ECR
Event clear register
01A0 FFFC
ESR
Event set register
01A1 0000 − 01A3 FFFF
–
Reserved
Table 9. Quick DMA (QDMA) and Pseudo Registers†
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0200 0000
QOPT
QDMA options parameter register
0200 0004
QSRC
QDMA source address register
0200 0008
QCNT
QDMA frame count register
0200 000C
QDST
QDMA destination address register
0200 0010
QIDX
QDMA index register
0200 0014 − 0200 001C
−
Reserved
0200 0020
QSOPT
QDMA pseudo options register
0200 0024
QSSRC
QDMA pseudo source address register
0200 0028
QSCNT
QDMA pseudo frame count register
0200 002C
QSDST
QDMA pseudo destination address register
0200 0030
QSIDX
QDMA pseudo index register
† All the QDMA and Pseudo registers are write-accessible only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com