Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V62/04754-03YA Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 48 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 44Page - Texas Instruments V62/04754-03YA Datasheet HTML 45Page - Texas Instruments V62/04754-03YA Datasheet HTML 46Page - Texas Instruments V62/04754-03YA Datasheet HTML 47Page - Texas Instruments V62/04754-03YA Datasheet HTML 48Page - Texas Instruments V62/04754-03YA Datasheet HTML 49Page - Texas Instruments V62/04754-03YA Datasheet HTML 50Page - Texas Instruments V62/04754-03YA Datasheet HTML 51Page - Texas Instruments V62/04754-03YA Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL and PLL controller [C6712C/C6712D only] (continued)
The PLL Reset Time is the amount of wait time needed when resetting the PLL (writing PLLRST=1), in order
for the PLL to properly reset, before bringing the PLL out of reset (writing PLLRST = 0). For the PLL Reset Time
value, see Table 30. The PLL Lock Time is the amount of time from when PLLRST = 0 with PLLEN = 0 (PLL
out of reset, but still bypassed) to when the PLLEN bit can be safely changed to “1” (switching from bypass to
the PLL path), see Table 30 and Figure 10.
Under some operating conditions, the maximum PLL Lock Time may vary from the specified typical value. For
the PLL Lock Time values, see Table 30.
Table 30. PLL Lock and Reset Times (C6712C/C6712D only)
MIN
TYP
MAX
UNIT
PLL Lock Time
75
187.5
µs
PLL Reset Time
125
ns
Table 31 shows the C6712C/C6712D device’s CLKOUT signals, how they are derived and by what register
control bits, and the default settings. For more details on the PLL, see the PLL and Clock Generator Logic
diagram (Figure 10).
Table 31. CLKOUT Signals, Default Settings, and Control
CLOCK OUTPUT
SIGNAL NAME
DEFAULT SETTING
(ENABLED or DISABLED)
CONTROL
BIT(s) (Register)
DESCRIPTION
CLKOUT2
ON (ENABLED)
D2EN = 1 (PLLDIV2.[15])
CK2EN = 1 (EMIF GBLCTL.[3])
SYSCLK2 selected [default]
CLKOUT3
ON (ENABLED)
OD1EN = 1 (OSCDIV1.[15])
Derived from CLKIN
ECLKOUT
ON (ENABLED);
derived from SYSCLK3
EKSRC = 0 (DEVCFG.[4])
EKEN = 1 (EMIF GBLCTL.[5])
SYSCLK3 selected [default].
To select ECLKIN as source:
EKSRC = 1 (DEVCFG.[4]) and
EKEN = 1 (EMIF GBLCTL.[5])
This input clock is directly available as an internal high-frequency clock source that may be divided down by
a programmable divider OSCDIV1 (/1, /2, /3, ..., /32) and output on the CLKOUT3 pin for other use in the system.
Figure 10 shows that the input clock source may be divided down by divider PLLDIV0 (/1, /2, ..., /32) and then
multiplied up by a factor of x4, x5, x6, and so on, up to x25.
Either the input clock (PLLEN = 0) or the PLL output (PLLEN = 1) then serves as the high-frequency reference
clock for the rest of the DSP system. The DSP core clock, the peripheral bus clock, and the EMIF clock may
be divided down from this high-frequency clock (each with a unique divider) . For example, with a 40-MHz input,
if the PLL output is configured for 300 MHz, the DSP core may be operated at 150 MHz (/2) while the EMIF may
be configured to operate at a rate of 60 MHz (/5). Note that there is a specific minimum and maximum reference
clock (PLLREF) and output clock (PLLOUT) for the block labeled PLL in Figure 10, as well as for the DSP core,
peripheral bus, and EMIF. The clock generator must not be configured to exceed any of these constraints
(certain combinations of external clock input, internal dividers, and PLL multiply ratios might not be supported).
See Table 32 for the PLL clocks input and output frequency ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com