Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV5128BLL/BLS Datasheet(PDF) 13 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128BLL/BLS
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128BLL/BLS Datasheet(HTML) 13 Page - Integrated Silicon Solution, Inc

Back Button IS61WV5128BLL/BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 17Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
13
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,2) (Over Operating Range)
-20 ns
-25 ns
-35 ns
Symbol
Parameter
Min.
Max.
Min. Max.
Min.
Max.
Unit
twC
Write Cycle Time
20
—
25
—
35
—
ns
tsCe
CE
to Write End
12
—
18
—
25
—
ns
tAw
Address Setup Time
12
—
15
—
25
—
ns
to Write End
thA
Address Hold from Write End
0
—
0
—
0
—
ns
tsA
Address Setup Time
0
—
0
—
0
—
ns
tPwe1
WE
Pulse Width (OE = HIGH)
12
—
18
—
30
—
ns
tPwe2
WE
Pulse Width (OE = LOW)
17
—
20
—
30
—
ns
tsd
Data Setup to Write End
9
—
12
—
15
—
ns
thd
Data Hold from Write End
0
—
0
—
0
—
ns
thzwe(3)
WE
LOW to High-Z Output
—
9
—
12
—
20
ns
tlzwe(3)
WE
HIGH to Low-Z Output
3
—
5
—
5
—
ns
Notes:
1. Test conditions for IS61WV6416LL assume signal transition times of 1.5ns or less, timing reference levels of 1.25V, input pulse
levels of 0.4V to Vdd-0.3VandoutputloadingspecifiedinFigure1a.
2. TestedwiththeloadinFigure1b.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. The internal write time is defined by the overlap of CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com