Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV5128BLL/BLS Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128BLL/BLS
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128BLL/BLS Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61WV5128BLL/BLS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VterM
Terminal Voltage with Respect to GND
–0.5 to Vdd + 0.5
V
Vdd
Vdd Relates to GND
–0.3 to 4.0
V
tstg
Storage Temperature
–65 to +150
°C
Pt
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to
the device.This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIn
Input Capacitance
VIn = 0V
6
pF
C
I/o
Input/Output Capacitance
Vout = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vdd = 3.3V.
TRUTH TABLE
Mode
WE
CE
OE
I/O Operation VDD Current
Not Selected
X
H
X
High-Z
Isb1, Isb2
(Power-down)
Output Disabled H
L
H
High-Z
ICC
Read
H
L
L
dout
ICC
Write
L
L
X
dIn
ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com