Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV5128BLL/BLS Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128BLL/BLS
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128BLL/BLS Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61WV5128BLL/BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
OPERATING RANGE (VDD) (IS61WV5128BLL)(1)
Range
Ambient Temperature
VDD (8 nS)1
VDD (10 nS)1
Commercial
0°C to +70°C
3.3V + 5%
2.4V-3.6V
Industrial
–40°C to +85°C
3.3V + 5%
2.4V-3.6V
Note:
1. When operated in the range of 2.4V-3.6V, the device meets 10ns. When operated in the range of 3.3V + 5%,
the device meets 8ns.
OPERATING RANGE (VDD) (IS64WV5128BLL)
Range
Ambient Temperature
VDD (10 nS)
Automotive
–40°C to +125°C
2.4V-3.6V
HIGH SPEED (IS61WV5128ALL/BLL)
OPERATING RANGE (VDD) (IS61WV5128ALL)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
20ns
Industrial
–40°C to +85°C
1.65V-2.2V
20ns
Automotive
–40°C to +125°C
1.65V-2.2V
20ns
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8
-10
-20
Symbol Parameter
Test Conditions
Min.
Max.
Min. Max.
Min. Max.
Unit
ICC
Vdd Dynamic Operating
Vdd = Max.,
Com.
—
50
—
40
—
40
mA
Supply Current
Iout = 0 mA, f = fMAx
Ind.
—
55
—
45
—
45
Auto.
—
—
—
65
—
65
typ.(2)
25
ICC1
Operating
Vdd = Max.,
Com.
—
35
—
35
—
30
mA
Supply Current
Iout = 0 mA, f = 0
Ind.
—
40
—
40
—
40
Auto.
—
—
—
60
—
60
Isb1
TTL Standby Current
Vdd = Max.,
Com.
—
10
—
10
—
10
mA
(TTL Inputs)
VIn = VIh or VIl
Ind.
—
15
—
15
—
15
CE ≥
VIh, f = 0
Auto.
—
—
—
30
—
30
Isb2
CMOS Standby
Vdd = Max.,
Com.
—
7
—
7
—
7
mA
Current (CMOS Inputs)
CE ≥
Vdd – 0.2V,
Ind.
—
10
—
10
—
10
VIn ≥ Vdd – 0.2V, or
Auto.
—
—
—
20
—
20
VIn ≤ 0.2V, f = 0
typ.(2)
2
Note:
1. At f = fMAx, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at Vdd = 3.0V, TA = 25oC and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com