Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV5128BLL/BLS Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128BLL/BLS
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128BLL/BLS Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61WV5128BLL/BLS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 2.4V-3.6V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
Voh
Output HIGH Voltage
Vdd = Min., Ioh = –1.0 mA
1.8
—
V
Vol
Output LOW Voltage
Vdd = Min., Iol = 1.0 mA
—
0.4
V
VIh
Input HIGH Voltage
2.0
Vdd + 0.3
V
VIl
Input LOW Voltage(1)
–0.3
0.8
V
IlI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
µA
Ilo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
µA
Note:
1. VIl (min.) = –0.3V DC; VIl (min.) = –2.0V AC (pulse width <10 ns). Not 100% tested.
VIh (max.) = Vdd + 0.3V dC; VIh (max.) = Vdd + 2.0V AC (pulse width <10 ns). Not 100% tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 3.3V + 5%
Symbol Parameter
Test Conditions
Min.
Max.
Unit
Voh
Output HIGH Voltage
Vdd = Min., Ioh = –4.0 mA
2.4
—
V
Vol
Output LOW Voltage
Vdd = Min., Iol = 8.0 mA
—
0.4
V
VIh
Input HIGH Voltage
2
Vdd + 0.3
V
VIl
Input LOW Voltage(1)
–0.3
0.8
V
IlI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
µA
Ilo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
µA
Note:
1. VIl (min.) = –0.3V DC; VIl (min.) = –2.0V AC (pulse width <10 ns). Not 100% tested.
VIh (max.) = Vdd + 0.3V dC; VIh (max.) = Vdd + 2.0V AC (pulse width <10 ns). Not 100% tested.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
VDD = 1.65V-2.2V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
Voh
Output HIGH Voltage
Vdd = Min, Ioh = -0.1 mA
1.4
—
V
Vol
Output LOW Voltage
Vdd = Min, Iol = 0.1 mA
—
0.2
V
VIh
Input HIGH Voltage
1.4
Vdd + 0.2
V
VIl(1)
Input LOW Voltage
–0.2
0.4
V
IlI
Input Leakage
GND ≤ VIn ≤ Vdd
–1
1
µA
Ilo
Output Leakage
GND ≤ Vout ≤ Vdd, Outputs Disabled
–1
1
µA
Note:
1. VIl (min.) = –0.3V DC; VIl (min.) = –2.0V AC (pulse width <10 ns). Not 100% tested.
VIh (max.) = Vdd + 0.3V dC; VIh (max.) = Vdd + 2.0V AC (pulse width <10 ns). Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com