Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV5128BLL/BLS Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61WV5128BLL/BLS
Description  512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV5128BLL/BLS Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61WV5128BLL/BLS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV5128BLL/BLS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. I
08/10/09
IS61WV5128ALL/ALS, IS61WV5128BLL/BLS
IS64WV5128BLL/BLS
PIN CONFIGURATION (LOW POWER) (61/64WV5128ALS/BLS)
32-pin TSOP (TYPE I), (Package Code T)
32-pin sTSOP (TYPE I) (Package Code H)
32-pin SOP
32-pin TSOP (TYPE II)
(Package Code T2)
PIN DESCRIPTIONS
A0-A18
Address Inputs
CE
Chip Enable 1 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vdd
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
A18
A15
VDD
A17
A16
A14
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A17
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
A15
A18
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com