Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV12816DALL/DALS Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DALL/DALS
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DALL/DALS Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS61WV12816DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 16Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
06/21/2011
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-8
-10
-12
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
WriteCycleTime
8
—
10
—
12
—
ns
tSCE
CEtoWriteEnd
6.5
—
8
—
9
—
ns
tAW
AddressSetupTime
6.5
—
8
—
9
—
ns
toWriteEnd
tHA
AddressHoldfromWriteEnd
0
—
0
—
0
—
ns
tSA
AddressSetupTime
0
—
0
—
0
—
ns
tPWB
LB,UBValidtoEndofWrite
6.5
—
8
—
9
—
ns
tPWE1
WEPulseWidth
6.5
—
8
—
9
—
ns
tPWE2
WEPulseWidth (OE=LOW)
8.0
—
10
—
11
—
ns
tSD
DataSetuptoWriteEnd
5
—
6
—
9
—
ns
tHD
DataHoldfromWriteEnd
0
—
0
—
0
—
ns
tHZWE(2)
WELOWtoHigh-ZOutput
—
3.5
—
5
—
6
ns
tLZWE(2)
WEHIGHtoLow-ZOutput
2
—
2
—
3
—
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to
3.0V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW and UB or LB, and WE LOW. All signals must be in valid states
to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced
to the rising or falling edge of the signal that terminates the write. Shaded area product in development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com