Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV12816DALL/DALS Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DALL/DALS
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DALL/DALS Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV12816DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. D
06/21/2011
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25
-35
-45
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
—
20
—
20
—
18
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
25
—
25
—
20
CE
= VIL
Auto.
—
40
—
35
—
30
VIN
≥ VDD – 0.3V, or
typ.(2)
18
VIN
≤ 0.4V
ICC1
Operating
VDD = Max.,
Com.
—
2
—
2
—
2
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
—
2
—
2
—
2
CE
= VIL
Auto.
—
2
—
2
—
2
VIN
≥ VDD – 0.3V, or
VIN
≤ 0.4V
ISB2
CMOS Standby
VDD = Max.,
Com.
—
40
—
40
—
40
μA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
—
50
—
50
—
50
VIN
≥ VDD – 0.2V, or
Auto.
—
75
—
75
—
75
VIN
≤ 0.2V, f = 0
typ.(2)
4
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.
OPERATING RANGE (VDD) (IS61WV12816DBLS)
Range
Ambient Temperature
VDD (35 nS)
Commercial
0°C to +70°C
2.4V-3.6V
Industrial
–40°C to +85°C
2.4V-3.6V
LOW POWER (IS61WV12816DALS/DBLS)
OPERATING RANGE (VDD) (IS61WV12816DALS)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
45ns
Industrial
–40°C to +85°C
1.65V-2.2V
45ns
Automotive
–40°C to +125°C
1.65V-2.2V
55ns
OPERATING RANGE (VDD) (IS64WV12816DBLS)
Range
Ambient Temperature
VDD (35 nS)
Automotive
–40°C to +125°C
2.4V-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com