Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS61WV12816DALL/DALS Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DALL/DALS
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DALL/DALS Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS61WV12816DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV12816DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. D
06/21/2011
1
2
3
4
5
6
7
8
9
10
11
12
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
OPERATING RANGE (VDD) (IS61WV12816DBLL)(1)
Range
Ambient Temperature
VDD (8 nS)1
VDD (10 nS)1
Commercial
0°C to +70°C
3.3V + 5%
2.4V-3.6V
Industrial
–40°C to +85°C
3.3V + 5%
2.4V-3.6V
Note:
1. When operated in the range of 2.4V-3.6V, the device meets 10ns. When operated in the
range of 3.3V + 5%, the device meets 8ns.
OPERATING RANGE (VDD) (IS64WV12816DBLL)(2,3)
Range
Ambient Temperature
VDD (10 nS)2
VDD (12 nS)2
Automotive
–40°C to +125°C
3.3V + 5%
2.4V-3.6V
Note:
2. When operated in the range of 2.4V-3.6V, the device meets 12ns. When operated in the range
of 3.3V + 5%, the device meets 10ns.
3. If the device is operated in the temperature range of -40oC to +85oC, the device meets 10ns.
HIGH SPEED (IS61WV12816DALL/DBLL)
OPERATING RANGE (VDD) (IS61WV12816DALL)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
20ns
Industrial
–40°C to +85°C
1.65V-2.2V
20ns
Automotive
–40°C to +125°C
1.65V-2.2V
20ns
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8
-10
-12
-20
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
—
65
—
60
—
55
—
40
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
70
—
65
—
55
—
45
CE
= VIL
Auto.(3)
—
—
—75
—
60
—50
VIN
≥ VDD – 0.3V, or
typ.(2)
45
45
VIN
≤ 0.4V
ICC1
Operating
VDD = Max.,
Com.
—
2
—
2
—
2
—
2
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
—
2
—
2
—
2
—
2
CE
= VIL
Auto.
—
—
—
2
—
2
—
2
VIN
≥ VDD – 0.3V, or
VIN
≤ 0.4V
ISB2
CMOS Standby
VDD = Max.,
Com.
—
50
—
50
—
50
—
50
μA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
—
70
—
70
—
70
—
70
VIN
≥ VDD – 0.2V, or
Auto.
—
—
—
100
—
100
—
100
VIN
≤ 0.2V, f = 0
typ.(2)
4
4
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.
3. For Automotive grade at 15ns, typ. Icc = 38mA, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com