Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 32 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 32 Page - SPANSION

Back Button S29AS008J Datasheet HTML 28Page - SPANSION S29AS008J Datasheet HTML 29Page - SPANSION S29AS008J Datasheet HTML 30Page - SPANSION S29AS008J Datasheet HTML 31Page - SPANSION S29AS008J Datasheet HTML 32Page - SPANSION S29AS008J Datasheet HTML 33Page - SPANSION S29AS008J Datasheet HTML 34Page - SPANSION S29AS008J Datasheet HTML 35Page - SPANSION S29AS008J Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
32
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
The system may also write the autoselect command sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes even at addresses within erasing sectors, since the codes
are not stored in the memory array. When the device exits the autoselect mode, the device reverts to the
Erase Suspend mode, and is ready for another valid operation. See Autoselect Command Sequence
on page 28 for more information.
The system must write the Erase Resume command (address bits are don’t care) to exit the erase suspend
mode and continue the sector erase operation. Further writes of the Resume command are ignored. Another
Erase Suspend command can be written after the device has resumed erasing.
Figure 10.2 Erase Operation
Notes
1. See Table 11.1 on page 33 for erase command sequence.
2. See DQ3: Sector Erase Timer on page 39 for more information.
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com