Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 16 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 16 Page - SPANSION

Back Button S29AS008J Datasheet HTML 12Page - SPANSION S29AS008J Datasheet HTML 13Page - SPANSION S29AS008J Datasheet HTML 14Page - SPANSION S29AS008J Datasheet HTML 15Page - SPANSION S29AS008J Datasheet HTML 16Page - SPANSION S29AS008J Datasheet HTML 17Page - SPANSION S29AS008J Datasheet HTML 18Page - SPANSION S29AS008J Datasheet HTML 19Page - SPANSION S29AS008J Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
16
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
7.7
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading array data. When the system
drives the RESET# pin to VIL for at least a period of tRP, the device immediately terminates any operation in
progress, tristates all data output pins, and ignores all read/write attempts for the duration of the RESET#
pulse. The device also resets the internal state machine to reading array data. The operation that was
interrupted should be reinitiated once the device is ready to accept another command sequence, to ensure
data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held at VSS±0.2 V, the device
draws CMOS standby current (ICC4). If RESET# is held at VIL but not within VSS±0.2 V, the standby current
will be greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the Flash
memory, enabling the system to read the boot-up firmware from the Flash memory.
If RESET# is asserted during a program or erase operation, the RY/BY# pin remains a 0 (busy) until the
internal reset operation is complete, which requires a time of tREADY (during Embedded Algorithms). The
system can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is
asserted when a program or erase operation is not executing (RY/BY# pin is 1), the reset operation is
completed within a time of tREADY (not during Embedded Algorithms). The system can read data tRH after the
RESET# pin returns to VIH.
Refer to the tables in AC Characteristics on page 43 for RESET# parameters and to Figure 18.2 on page 44
for the timing diagram. If VID (9.0 V – 11.0 V) is applied to the RESET# pin, the device will enter the
Temporary Sector Group Unprotect mode. See Temporary Sector Group Unprotect on page 21 for more
details on this feature.
7.8
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high
impedance state.
7.9
Autoselect Mode
The autoselect mode provides manufacturer and device identification, sector group protection verification,
and Secured Silicon Sector status through identifier codes output on DQ7–DQ0. This mode is primarily
intended for programming equipment to automatically match a device to be programmed with its
corresponding programming algorithm. However, the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect mode requires VID (9.0 V to 11.0 V) on address pin A9.
Address pins A6, A3, A2, A1, and A0 must be as shown in Table 7.2. In addition, when verifying sector group
protection, the sector address must appear on the appropriate highest order address bits (see Table 7.3
on page 17 and Table 7.4 on page 18). Table 7.2 shows the remaining address bits that are don’t care. When
all necessary bits have been set as required, the programming equipment may then read the corresponding
identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host system can issue the autoselect command via the
command register, as shown in Table 11.1 on page 33. This method does not require VID. See Command
Definitions on page 28 for details on using the autoselect mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com