Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 46 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 46 Page - SPANSION

Back Button S29AS008J Datasheet HTML 42Page - SPANSION S29AS008J Datasheet HTML 43Page - SPANSION S29AS008J Datasheet HTML 44Page - SPANSION S29AS008J Datasheet HTML 45Page - SPANSION S29AS008J Datasheet HTML 46Page - SPANSION S29AS008J Datasheet HTML 47Page - SPANSION S29AS008J Datasheet HTML 48Page - SPANSION S29AS008J Datasheet HTML 49Page - SPANSION S29AS008J Datasheet HTML 50Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
46
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
18.4
Erase/Program Operations
Notes
1. Not 100% tested.
2. See Erase and Programming Performance on page 51 for more information.
Figure 18.5 Program Operation Timings
Notes
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Parameter
Speed Options
JEDEC
Std
Description
70
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
ns
tAVWL
tAS
Address Setup Time
0
tWLAX
tAH
Address Hold Time
45
tDVWH
tDS
Data Setup Time
35
tWHDX
tDH
Data Hold Time
0
tOES
Output Enable Setup Time
0
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
0
tELWL
tCS
CE# Setup Time
0
tWHEH
tCH
CE# Hold Time
0
tWLWH
tWP
Write Pulse Width
35
tWHWL
tWPH
Write Pulse Width High
20
tSR/W
Latency Between Read and Write Operations
Min
20
ns
tWHWH1
tWHWH1
Programming Operation (Note 2)
Byte
Typ
6
µs
Word
6
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
0.5
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
Max
90
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com