Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 35 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 35 Page - SPANSION

Back Button S29AS008J Datasheet HTML 31Page - SPANSION S29AS008J Datasheet HTML 32Page - SPANSION S29AS008J Datasheet HTML 33Page - SPANSION S29AS008J Datasheet HTML 34Page - SPANSION S29AS008J Datasheet HTML 35Page - SPANSION S29AS008J Datasheet HTML 36Page - SPANSION S29AS008J Datasheet HTML 37Page - SPANSION S29AS008J Datasheet HTML 38Page - SPANSION S29AS008J Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
November 9, 2011 S29AS008J_00_09
S29AS008J
35
Data
She e t
12. Write Operation Status
The device provides several bits to determine the status of a write operation: DQ2, DQ3, DQ5, DQ6, DQ7,
and RY/BY#. Table 12.1 on page 39 and the following subsections describe the functions of these bits. DQ7,
RY/BY#, and DQ6 each offer a method for determining whether a program or erase operation is complete or
in progress. These three bits are discussed first.
12.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or
completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final
WE# pulse in the program or erase command sequence.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the
Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system
must provide the program address to read valid status information on DQ7. If a program address falls within a
protected sector, Data# Polling on DQ7 is active for approximately 1 µs, then the device returns to reading
array data.
During the Embedded Erase algorithm, Data# Polling produces a 0 on DQ7. When the Embedded Erase
algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a 1 on DQ7.
This is analogous to the complement/true datum output described for the Embedded Program algorithm: the
erase function changes all the bits in a sector to 1; prior to this, the device outputs the complement, or 0. The
system must provide an address within any of the sectors selected for erasure to read valid status information
on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling
on DQ7 is active for approximately 100 µs, then the device returns to reading array data. If not all selected
sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the
selected sectors that are protected.
When the system detects DQ7 has changed from the complement to true data, it can read valid data (at
DQ7–DQ0 in byte mode or DQ15–DQ0 in word mode) on the following read cycles. This is because DQ7 may
change asynchronously with DQ0–DQ6 while Output Enable (OE#) is asserted low. Figure 18.7 on page 47,
illustrates this.
Table 12.1 on page 39 shows the outputs for Data# Polling on DQ7. Figure 12.2 on page 38 shows the Data#
Polling algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com