Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29AS008J Datasheet(PDF) 38 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 38 Page - SPANSION

Back Button S29AS008J Datasheet HTML 34Page - SPANSION S29AS008J Datasheet HTML 35Page - SPANSION S29AS008J Datasheet HTML 36Page - SPANSION S29AS008J Datasheet HTML 37Page - SPANSION S29AS008J Datasheet HTML 38Page - SPANSION S29AS008J Datasheet HTML 39Page - SPANSION S29AS008J Datasheet HTML 40Page - SPANSION S29AS008J Datasheet HTML 41Page - SPANSION S29AS008J Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
38
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
12.5
Reading Toggle Bits DQ6/DQ2
Refer to Figure 12.2 on page 38 for the following discussion. Whenever the system initially begins reading
toggle bit status, it must read DQ7–DQ0 at least twice in a row to determine whether a toggle bit is toggling.
Typically, the system would note and store the value of the toggle bit after the first read. After the second
read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling,
the device has completed the program or erase operation. The system can read array data (at DQ7–DQ0 in
byte mode or DQ15–DQ0 in word mode) on the following read cycle.
However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the
system also should note whether the value of DQ5 is high (see DQ5: Exceeded Timing Limits on page 39). If
it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have
stopped toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully
completed the program or erase operation. If it is still toggling, the device did not complete the operation
successfully, and the system must write the reset command to return to reading array data.
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has not
gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cycles,
determining the status as described in the previous paragraph. Alternatively, it may choose to perform other
system tasks. In this case, the system must start at the beginning of the algorithm when it returns to
determine the status of the operation (top of Figure 12.2 on page 38).
Figure 12.2 Toggle Bit Algorithm
Notes
1. Read toggle bit twice to determine whether or not it is toggling. See text.
2. Recheck toggle bit because it may stop toggling as DQ5 changes to 1. See text.
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0
(Note 1)
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com