Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5050ATR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical specifications
VNH5050A-E
8/33
Doc ID 16009 Rev 10
2
Electrical specifications
Figure 3.
Current and voltage conventions
2.1
Absolute maximum ratings
VCC
INA
IS
IOUTA
IINA
VINA
VCC
VOUTA
ISENSE
VOUTB
DIAGA/ENA
IENA
IGND
IOUTB
INB
IINB
DIAGB/ENB
IENB
VENB
VENA
VINB
VSENSE
OUTA
OUTB
PWM
CS
Ipw
Vpw
GND
VCSD
ICSD
CS_DIS
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
+ 41
V
Imax
DC output current
Internally limited
A
IR
Reverse output current (continuous)(1)
1.
Based on the internal wires capability.
25
A
IIN
Input current (INA and INB pins)
+/- 10
mA
IEN
Enable input current (DIAGA/ENA and DIAGB/ENB pins)
+/- 10
mA
Ipw
PWM Input current
+/- 10
mA
ICS_DIS
CS_DIS input current
+/- 10
mA
VCS
Current sense maximum voltage
VCC-41/+VCC
V
VESD
Electrostatic discharge
(Human body model: R = 1.5 k
Ω, C = 100 pF)
2kV
Tc
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
IGND
DC reverse ground pin current
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com