Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5050ATR-E Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 16Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 17Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 18Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 19Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 20Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 21Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Electrical specifications
VNH5050A-E
18/33
Doc ID 16009 Rev 10
Table 15.
Electrical transient requirements (part 1/3)
ISO 7637-2:
2004(E)
Test pulse
Test levels(1)
1.
The above test levels must be considered referred to VCC = 13.5V except for pulse 5b.
Number of
pulses or
test times
Burst cycle/pulse
repetition time
Delays and
Impedance
III
IV
Min.
Max.
1
-75V
-100V
5000 pulses
0.5s
5s
2 ms, 10
Ω
2a
+37V
+50V
5000 pulses
0.2s
5s
50µs, 2
Ω
3a
-100V
-150V
1h
90ms
100ms
0.1µs, 50
Ω
3b
+75V
+100V
1h
90ms
100ms
0.1µs, 50
Ω
4
-6V
-7V
1 pulse
100ms, 0.01
Ω
5b(2)
2.
Valid in case of external load dump clamp: 40V maximum referred to ground.
+65V
+87V
1 pulse
400ms, 2
Ω
Table 16.
Electrical transient requirements (part 2/3)
ISO 7637-2:
2004E
Test pulse
Test level results
III
VI
1C
C
2a
C
C
3a
C
C
3b
C
C
4C
C
5b(1)
1.
Valid in case of external load dump clamp: 40V maximum referred to ground.
CC
Table 17.
Electrical transient requirements (part 3/3)
Class
Contents
C
All functions of the device performed as designed after exposure to disturbance.
E
One or more functions of the device did not perform as designed after exposure to
disturbance and cannot be returned to proper operation without replacing the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com