Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5050ATR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
VNH5050A-E
Electrical specifications
Doc ID 16009 Rev 10
11/33
Table 9.
Logic inputs (INA, INB, ENA, ENB, PWM, CS_DIS)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
0.9
V
VIH
Input high level voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
2.1
V
VIHYST
Input hysteresis voltage
Normal operation
(DIAGX/ENX pin acts as an
input pin)
0.15
V
VICL
Input clamp voltage
IIN = 1 mA
5.5
6.3
7.5
V
IIN = -1 mA
-1.0
-0.7
-0.3
V
IINL
Input current
VIN =0.9 V
1
µA
IINH
Input current
VIN =2.1 V
10
µA
VDIAG
Enable output low level
voltage
Fault operation
(DIAGX/ENX pin acts as an
output pin); IEN =1 mA
0.4
V
Table 10.
Switching (VCC =13 V, RLOAD = 1.5 Ω)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
PWM frequency
0
20
kHz
td(on)
Turn-on delay time
Input rise time < 1µs
(see
Figure 6)
250
µs
td(off)
Turn-off delay time
Input rise time < 1µs
(see
Figure 6)
250
µs
tr
Rise time
See
Figure 5
12
µs
tf
Fall time
See
Figure 5
12
µs
tDEL
Delay time during change
of operating mode
See
Figure 4
200
400
1600
µs
trr
High-side free wheeling
diode reverse recovery
time
See
Figure 7
100
ns
Table 11.
Protections and diagnostics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD
Undervoltage shutdown
3
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
VOV
VCC overvoltage shutdown
24
27
30
V
ILIM_H
High-side current limitation
30
42
60
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com