Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5050ATR-E Datasheet(PDF) 22 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 18Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 19Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 20Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 21Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 22Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 23Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 24Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 25Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
VNH5050A-E
22/33
Doc ID 16009 Rev 10
In any case, when a fault is detected, the faulty leg of the bridge is latched off. To turn on the
respective output (OUTX) again, the input signal must rise from low to high level.
Figure 12.
Behavior in fault condition (how a fault can be cleared)
Note:
In case of the fault condition is not removed, the procedure for unlatching and sending the
device in Stby mode is:
- Clear the fault in the device (toggle: INA if ENA = 0 or INB if ENB =0)
- Pull low all inputs, PWM and Diag/EN pins within tDEL.
If the Diag/En pins are already low, PWM = 0, the fault can be cleared simply toggling the
input. The device enters in stby mode as soon as the fault is cleared.
3.1
Reverse battery protection
Three possible solutions can be considered:
–
A Schottky diode D connected to VCC pin
–
An N-channel MOSFET connected to the GND pin (see
Figure 11)
–
A P-channel MOSFET connected to the VCC pin
The device sustains no more than -25 A in reverse battery conditions because of the two
body diodes of the Power MOSFETs. Additionally, in reverse battery condition the I/Os of
VNH5050A-E is pulled down to the VCC line (approximately -1.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com