Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH5050ATR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNH5050ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050ATR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNH5050ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5050ATR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical specifications
VNH5050A-E
10/33
Doc ID 16009 Rev 10
2.3
Electrical characteristics
VCC = 9 V up to 18 V; -40 °C < Tj < 150 °C, unless otherwise specified.
Table 8.
Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
5.5
18
V
IS
Supply current
Off-state with all fault cleared
and ENx = 0 (standby)
INA =INB =PWM = 0;
Tj =25°C; VCC =13V
36
µA
Off-state with all fault cleared
and ENx = 0 (standby)
VCC =13 V;
INA =INB =PWM = 0;
Tj = -40 °C to 150 °C
10
µA
Off-state (no standby)
INA =INB =PWM = 0;
ENx = 5 V;
Tj = -40 °C to 150 °C
5mA
On-state:
INA or INB = 5V; no PWM
36
mA
On-state:
INA or INB =5 V;
PWM = 20 kHz
8mA
RONHS
Static high-side
resistance
IOUT = 8.5 A; Tj = -40 °C
17
m
Ω
OUT = 8.5 A; Tj =25 °C
26
m
Ω
IOUT = 8.5 A; Tj = 150 °C
52
m
Ω
IOUT =8.5 A;
Tj =- 40 °C to 150 °C
60
m
Ω
RONLS
Static low-side resistance
IOUT = 8.5 A; Tj =25°C
20
m
Ω
IOUT =8.5 A;
Tj =- 40 °C to 150 °C
40
m
Ω
Vf
High-side free-wheeling
diode forward voltage
IOUT =-8.5A; Tj = 150 °C
0.7
0.9
V
IL(off)
High-side off-state output
current (per channel)
Tj =25°C; VCC =13V;
VOUTX =ENX =0 V
03
µA
Tj = 125°C; VCC =13V;
VOUTX =ENX =0 V
05
µA
IRM
Dynamic cross-
conduction current
IOUT = 8.5 A (see Figure 7)1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com