Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976CGEFL/RV Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:4
ALCHLD
[3:0]
0000
(0ms)
ALC hold time before gain is
increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
0011 = 10.66ms
0100 = 21.32ms
0101 = 42.64ms
0110 = 85.28ms
0111 = 0.17s
1000 = 0.34s
1001 = 0.68s
1010 or higher = 1.36s
R34 (22h)
ALC Control
3
8
ALCMODE
0
Determines the ALC mode of
operation:
0 = ALC mode (Normal Operation)
1 = Limiter mode.
7:4
ALCDCY
[3:0]
0011
(26ms/6dB)
Decay (gain ramp-up) time
(ALCMODE ==0)
Per
step
Per
6dB
90% of
range
0000
410us
3.28ms
23.6ms
0001
820us
6.56ms
47.2ms
0010
1.64ms
13.1ms
94.5ms
… (time doubles with every step)
1010
or
higher
420ms
3.36s
24.2s
0011
(5.8ms/6dB)
Decay (gain ramp-up) time
(ALCMODE ==1)
Per
step
Per
6dB
90% of
range
0000
90.8us
726us
5.23ms
0001
182us
1.45ms
10.5ms
0010
363us
2.91ms
20.9ms
… (time doubles with every step)
1010
93ms
744ms
5.36s
3:0
ALCATK
[3:0]
0010
(3.3ms/6dB)
ALC attack (gain ramp-down) time
(ALCMODE == 0)
Per
step
Per
6dB
90% of
range
0000
104us
832us
6ms
0001
208us
1.66ms
12ms
0010
416us
3.33ms
24ms
… (time doubles with every step)
1010
or
higher
106ms
852ms
6.13s
0010
(726us/6dB)
ALC attack (gain ramp-down) time
(ALCMODE == 1)
Per
step
Per
6dB
90% of
range
0000
22.7us
182us
1.31ms
0001
45.4us
363us
2.62ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com