Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976CGEFL/RV Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
36
ATTACK AND DECAY TIMES
The attack and decay times set the update times for the PGA gain. The attack time is the time
constant used when the gain is reducing. The decay time is the time constant used when the gain is
increasing. In limiter mode, the time constants are faster than in ALC mode. The time constants are
shown below in terms of a single gain step, a change of 6dB and a change of 90% of the PGAs gain
range.
Note that, these times will vary slightly depending on the sample rate used (specified by the SR
register).
NORMAL MODE
ALCMODE = 0 (Normal Mode)
ALCATK
tATK
tATK6dB
tATK90%
0000
104µs
832µs
6ms
0001
208µs
1.66ms
12ms
0010
416µs
3.33ms
24ms
0011
832µs
6.66ms
48ms
0100
1.66ms
13.3ms
96ms
0101
3.33ms
26.6ms
192ms
0110
6.66ms
53.2ms
384ms
0111
13.3ms
106ms
767ms
1000
26.6ms
213.2ms
1.53s
1001
53.2ms
426ms
3.07s
1010
106ms
852ms
6.13s
Attack Time (s)
ALCMODE = 0 (Normal Mode)
ALCDCY
tDCY
tDCY6dB
tDCY90%
0000
410µs
3.28ms
23.6ms
0001
820µs
6.56ms
47.2ms
0010
1.64ms
13.1ms
94.5ms
0011
3.28ms
26.2ms
189ms
0100
6.56ms
52.5ms
378ms
0101
13.1ms
105ms
756ms
0110
26.2ms
210ms
1.51s
0111
52.5ms
420ms
3.02s
1000
105ms
840ms
6.05s
1001
210ms
1.68s
12.1s
1010
420ms
3.36s
24.2s
Decay Time (s)
Table 19 ALC Normal Mode (Attack and Decay times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com