Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8976CGEFL/RV Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8976CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 78Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 79Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 114 page
background image
Production Data
WM8976
w
PD, Rev 4.5, November 2011
77
The VMID_EN signal has an OR function performed with the normal VMID driver enable. If the
VMID_EN signal is to have no effect to normal functionality when jack detection is enabled, it should
set to 0 for all JD_EN0 or JD_EN1 settings.
If jack detection is not enabled (JD_EN=0), the output enables default to all 1’s, allowing the outputs
to be controlled as normal via the normal output enables found in Table 51.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
GPIO control
4
JD_SEL
0
Pin selected as jack detection input
0 = GPIO1
1 = GPIO2
5
0
Reserved
6
JD_EN
0
Jack Detection Enable
0 = disabled
1 = enabled
8:7
JD_VMID
00
[7] VMID_EN_0
[8] VMID_EN_1
R13
3:0
JD_EN0
0000
Output enables when selected jack
detection input is logic 0.
[0]= OUT1_EN_0
[1]= OUT2_EN_0
[2]= OUT3_EN_0
[3]= OUT4_EN_0
7:4
JD_EN1
0000
Output enables when selected jack
detection input is logic 1
0000-0011 = Reserved
[4]= OUT1_EN_1
[5]= OUT2_EN_1
[6]= OUT3_EN_1
[7]= OUT4_EN_1
Table 63 Jack Detect Register Control Bits
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire MPU interface. The MODE pin
determines the 2 or 3 wire mode as shown in Table 64.
The WM8976 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each control
register.
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 64 Control Interface Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com